전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PC912XDP512F0CALR 데이터시트(PDF) 218 Page - Freescale Semiconductor, Inc

부품명 PC912XDP512F0CALR
상세설명  HCS12X Microcontrollers
PDF  1348 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PC912XDP512F0CALR 데이터시트(HTML) 218 Page - Freescale Semiconductor, Inc

Back Button PC912XDP512F0CALR Datasheet HTML 214Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 215Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 216Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 217Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 218Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 219Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 220Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 221Page - Freescale Semiconductor, Inc PC912XDP512F0CALR Datasheet HTML 222Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 218 / 1348 page
background image
Chapter 6 XGATE (S12XGATEV2)
MC9S12XDP512 Data Sheet, Rev. 2.21
218
Freescale Semiconductor
Operation
RD + IMM8:$00
⇒ RD
Adds the content of high byte of register RD and a signed immediate 8 bit constant using binary addition
and stores the result in the high byte of the destination register RD. This instruction can be used after an
ADDL for a 16 bit immediate addition.
Example:
ADDL
R2,#LOWBYTE
ADDH
R2,#HIGHBYTE
; R2 = R2 + 16 bit immediate
CCR Effects
Code and CPU Cycles
ADDH
Add Immediate 8 bit Constant
(High Byte)
ADDH
NZ
V
C
∆∆∆∆
N:
Set if bit 15 of the result is set; cleared otherwise.
Z:
Set if the result is $0000; cleared otherwise.
V:
Set if a two´s complement overflow resulted from the operation; cleared otherwise.
RD[15]old & IMM8[7] & RD[15]new | RD[15]old & IMM8[7] & RD[15]new
C:
Set if there is a carry from the bit 15 of the result; cleared otherwise.
RD[15]old & IMM8[7] | RD[15]old & RD[15]new | IMM8[7] & RD[15]new
Source Form
Address
Mode
Machine Code
Cycles
ADDH RD, #IMM8
IMM8
1
1
1
0
1
RD
IMM8
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More