전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC7568IAPWR 데이터시트(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC7568IAPWR
상세설명  12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC7568IAPWR 데이터시트(HTML) 13 Page - Texas Instruments

Back Button DAC7568IAPWR Datasheet HTML 9Page - Texas Instruments DAC7568IAPWR Datasheet HTML 10Page - Texas Instruments DAC7568IAPWR Datasheet HTML 11Page - Texas Instruments DAC7568IAPWR Datasheet HTML 12Page - Texas Instruments DAC7568IAPWR Datasheet HTML 13Page - Texas Instruments DAC7568IAPWR Datasheet HTML 14Page - Texas Instruments DAC7568IAPWR Datasheet HTML 15Page - Texas Instruments DAC7568IAPWR Datasheet HTML 16Page - Texas Instruments DAC7568IAPWR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 58 page
background image
10
0
1
2
3
4
5
6
7
8
9
I
(mA)
SOURCE
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
AV
=5.5V
DD
InternalReferenceEnabled
DACLoadedwithFFFFh
ChannelC
10
0
1
2
3
4
5
6
7
8
9
I
(mA)
SINK
AV
=5.5V
DD
InternalReferenceEnabled
DACLoadedwith0000h
0.6
0.4
0.2
0
ChannelC
10
0
1
2
3
4
5
6
7
8
9
I
(mA)
SOURCE
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
AV
=5.5V
DD
InternalReferenceEnabled
DACLoadedwithFFFFh
ChannelD
0.6
0.4
0.2
0
10
0
1
2
3
4
5
6
7
8
9
I
(mA)
SINK
AV
=5.5V
DD
InternalReferenceEnabled
DACLoadedwith0000h
ChannelD
10
0
1
2
3
4
5
6
7
8
9
I
(mA)
SOURCE
5.5
5.0
4.5
4.0
3.5
3.0
2.5
2.0
AV
=5.5V
DD
InternalReferenceEnabled
DACLoadedwithFFFFh
ChannelH
0.6
0.4
0.2
0
10
0
1
2
3
4
5
6
7
8
9
I
(mA)
SINK
AV
=5.5V
DD
InternalReferenceEnabled
DACLoadedwith0000h
ChannelH
DAC7568
DAC8168
DAC8568
www.ti.com ..................................................................................................................................................... SBAS430A – JANUARY 2009 – REVISED APRIL 2009
TYPICAL CHARACTERISTICS: DAC at AVDD = 5.5V (continued)
Channel-specific information provided as examples. At TA = +25°C, external reference used, DAC output not loaded, and all
DAC codes in straight binary data format, unless otherwise noted.
SOURCE CURRENT AT POSITIVE RAIL
SINK CURRENT AT NEGATIVE RAIL
(Grades C and D)
(All Grades)
Figure 32.
Figure 33.
SOURCE CURRENT AT POSITIVE RAIL
SINK CURRENT AT NEGATIVE RAIL
(Grades C and D)
(All Grades)
Figure 34.
Figure 35.
SOURCE CURRENT AT POSITIVE RAIL
SINK CURRENT AT NEGATIVE RAIL
(Grades C and D)
(All Grades)
Figure 36.
Figure 37.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): DAC7568 DAC8168 DAC8568



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com