전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC7568IAPWR 데이터시트(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
부품명 DAC7568IAPWR
상세설명  12-/14-/16-Bit, Octal-Channel, Ultra-Low Glitch, Voltage Output DIGITAL-TO-ANALOG CONVERTERS with 2.5V, 2ppm/째C Internal Reference
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

DAC7568IAPWR 데이터시트(HTML) 21 Page - Texas Instruments

Back Button DAC7568IAPWR Datasheet HTML 17Page - Texas Instruments DAC7568IAPWR Datasheet HTML 18Page - Texas Instruments DAC7568IAPWR Datasheet HTML 19Page - Texas Instruments DAC7568IAPWR Datasheet HTML 20Page - Texas Instruments DAC7568IAPWR Datasheet HTML 21Page - Texas Instruments DAC7568IAPWR Datasheet HTML 22Page - Texas Instruments DAC7568IAPWR Datasheet HTML 23Page - Texas Instruments DAC7568IAPWR Datasheet HTML 24Page - Texas Instruments DAC7568IAPWR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 58 page
background image
40
35
30
25
20
15
10
5
0
I
(m
DD
A)
AV
=3.6V
DD
InternalReferenceDisabled
I
(m
DD
A)
40
35
30
25
20
15
10
5
0
AV
=3.6V
DD
InternalReferenceEnabled
V
=2.5V
REF
DAC7568
DAC8168
DAC8568
www.ti.com ..................................................................................................................................................... SBAS430A – JANUARY 2009 – REVISED APRIL 2009
TYPICAL CHARACTERISTICS: DAC at AVDD = 3.6V (continued)
Channel-specific information provided as examples. At TA = +25°C, internal reference used, and DAC output not loaded, all
DAC codes in straight binary data format, unless otherwise noted
POWER-SUPPLY CURRENT
POWER-SUPPLY CURRENT
HISTOGRAM
HISTOGRAM
Figure 74.
Figure 75.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): DAC7568 DAC8168 DAC8568



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com