전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

5556GS4 데이터시트(PDF) 2 Page - Molex Electronics Ltd.

부품명 5556GS4
상세설명  4.20mm (.165") Pitch Mini-Fit Crimp Terminal, Female, with Selective Gold (Au)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOLEX3 [Molex Electronics Ltd.]
홈페이지  http://www.molex.com
Logo MOLEX3 - Molex Electronics Ltd.

5556GS4 데이터시트(HTML) 2 Page - Molex Electronics Ltd.

  5556GS4 Datasheet HTML 1Page - Molex Electronics Ltd. 5556GS4 Datasheet HTML 2Page - Molex Electronics Ltd. 5556GS4 Datasheet HTML 3Page - Molex Electronics Ltd. 5556GS4 Datasheet HTML 4Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
18-24 AWG and
smaller insulation
T2 Terminator Die
0639102600
FineAdjust™
Applicator
0639002600
FineAdjust™
Applicator, Small
Insulation
0639002900
T2 Terminator
Tooling Die
0639102900
Extraction Tool
0011030044
Hand Crimp Tool for
Mini-Fit™ Jr. Male
and Female Crimp
Terminals, 16-24
AWG
0638190900
This document was generated on 06/01/2010
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com