전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM416RD8ACD-RK70 데이터시트(PDF) 56 Page - Samsung semiconductor

부품명 KM416RD8ACD-RK70
상세설명  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8ACD-RK70 데이터시트(HTML) 56 Page - Samsung semiconductor

Back Button KM416RD8ACD-RK70 Datasheet HTML 52Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 53Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 54Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 55Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 56Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 57Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 58Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 59Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 60Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 64 page
background image
Page 53
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
Figure 58 also shows the combinational path connecting
SIO0 to SIO1 and the path connecting SIO1 to SIO0 (read
data only). The tPROP1 parameter specified this propagation
delay. The rise and fall times of SIO0 and SIO1 inputs must
be tDR1 and tDF1, measured at the 20% and 80% levels. The
rise and fall times of SIO0 and SIO1 outputs are tQR1 and
tQF1, measured at the 20% and 80% levels.
RSL - Domain Crossing Window
When read data is returned by the RDRAM, information
must cross from the receive clock domain (CFM) to the
transmit clock domain (CTM). The tTR parameter permits
the CFM to CTM phase to vary through an entire cycle; i.e.
there is no restriction on the alignment of these two clocks.
A second parameter tDCW is needed in order to describe how
the delay between a RD command packet and read data
packet varies as a function of the tTR value.
Figure 59 shows this timing for five distinct values of tTR.
Case A (tTR=0) is what has been used throughout this docu-
ment. The delay between the RD command and read data is
tCAC. As tTR varies from zero to tCYCLE (cases A through
E), the command to data delay is (tCAC-tTR). When the tTR
value is in the range 0 to tDCW,MAX, the command to data
delay can also be (tCAC-tTR-tCYCLE). This is shown as cases
A’and B’(the gray packets). Similarly, when the t TR value
is in the range (tCYCLE+tDCW,MIN) to tCYCLE, the command
to data delay can also be (tCAC-tTR+tCYCLE). This is shown
as cases D’and E’(the gray packets). The RDRAM will
work reliably with either the white or gray packet timing.
The delay value is selected at initialization, and remains
fixed thereafter.
Figure 59: RSL Transmit - Crossing Read Domains
CFM
COL
tTR
CTM
DQA/B
DQA/B
tTR=0
tCYCLE
Case A
tTR=0
Case A’
tTR
CTM
DQA/B
DQA/B
tTR=tDCW,MAX
Case B
tTR=tDCW,MAX
Case B’
tTR
CTM
DQA/B
tTR=0.5•t CYCLE
Case C
CTM
DQA/B
DQA/B
tTR=tCYCLE+tDCW,MIN
Case D
tTR=tCYCLE+tDCW,MIN
Case D’
CTM
DQA/B
DQA/B
tTR=tCYCLE
Case E
tTR=tCYCLE
Case E’
tTR
tTR
RD a1
Q(a1)
Q(a1)
Q(a1)
Q(a1)
tCAC-tTR
tCAC-tTR-tCYCLE
Q(a1)
Q(a1)
Q(a1)
Q(a1)
Q(a1)
tCAC-tTR
tCAC-tTR+tCYCLE
tCAC-tTR
tCAC-tTR+tCYCLE
tCAC-tTR
tCAC -tTR-tCYCLE
tCAC-tTR
•••
•••
•••
•••
•••
•••



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com