전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM416RD8ACD-RK70 데이터시트(PDF) 26 Page - Samsung semiconductor

부품명 KM416RD8ACD-RK70
상세설명  128/144Mbit RDRAM 256K x 16/18 bit x 2*16 Dependent Banks Direct RDRAMTM
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM416RD8ACD-RK70 데이터시트(HTML) 26 Page - Samsung semiconductor

Back Button KM416RD8ACD-RK70 Datasheet HTML 22Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 23Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 24Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 25Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 26Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 27Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 28Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 29Page - Samsung semiconductor KM416RD8ACD-RK70 Datasheet HTML 30Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 64 page
background image
Page 23
KM416RD8AC(D)/KM418RD8AC(D)
Direct RDRAM™
Rev. 1.01 Oct. 1999
Write/Retire Examples - continued
The RD will prevent a retire of the first WR from automati-
cally happening. But the first dualoct D(a1) in the write
buffer will be overwritten by the second WR dualoct D(b1)
if the RD command is issued in the third COLC packet.
Therefore, it is required in this situation that the controller
issue a NOCOP command in the third COLC packet,
delaying the RD command by a time of tPACKET. This situa-
tion is explicitly shown in Table 12 for the cases in which
tCCDELAY is equal to tRTR.
Figure 19 shows a possible result when a retire is held off for
a long time (an extended version of Figure 18-left). After a
WR command, a series of six RD commands are issued to
the same device (but to any combination of bank and column
addresses). In the meantime, the bank Ba to which the WR
command was originally directed is precharged, and a
different row Rc is activated. When the retire is automati-
cally performed, it is made to this new row, since the write
buffer only contains the bank and column address, not the
row address. The controller can insure that this doesn’t
happen by never precharging a bank with an unretired write
buffer. Note that in a system with more than one RDRAM,
there will never be more than two RDRAMs with unretired
write buffers. This is because a WR command issued to one
device automatically retires the write buffers of all other
devices written a time tRTR before or earlier.
Figure 18: Retire Held Off by Read (left) and Controller Forces WWR Gap (right)
CTM/CFM
DQA8..0
DQB8..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T20
T17
T21
T18
T22
T19
T23
Transaction a: WR
Transaction b: RD
a1= {Da,Ba,Ca1}
b1= {Da,Bb,Cb1}
Transaction a: WR
Transaction b: WR
a1= {Da,Ba,Ca1}
b1= {Da,Bb,Cb1}
D (a1)
WR a1
retire (a1)
MSK (a1)
RD b1
Q (b1)
tCWD
tCAC
CTM/CFM
DQA8..0
DQB8..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T20
T17 T18 T19
D (a1)
WR a1
RD c1
tRTR
retire (a1)
MSK (a1)
tCWD
tCAC
WR b1
D (b1)
Transaction c: RD
c1= {Da,Bc,Cc1}
The controller must insert a NOCOP to retire (a1)
to make room for the data (b1) in the write buffer
The retire operation for a write can be
held off by a read to the same device
tRTR + tPACKET
Figure 19: Retire Held Off by Reads to Same Device, Write Buffer Retired to New Row
CTM/CFM
DQA8..0
DQB8..0
COL4
..COL0
ROW2
..ROW0
T0
T4
T8
T12
T1
T5
T9
T13
T2
T6
T10
T14
T3
T7
T11
T15 T16
T20
T24
T28
T17
T21
T25
T29
T18
T22
T26
T30
T19
T23
T27
T31 T32
T36
T40
T44
T33
T37
T41
T45
T34
T38
T42
T46
T35
T39
T43
T47
MSK (a1)
retire (a1)
RD b1
WR a1
PRER a2
tRCD
ACT c0
tRAS
tRC
tRP
ACT a0
tCWD
tRTR
Transaction a: WR
a0 = {Da,Ba,Ra}
a1 = {Da,Ba,Ca1}
a2 = {Da,Ba}
RD b2
RD b3
RD b4
RD b5
RD b6
Transaction b: RD
b1 = {Da,Bb,Cb1}
b2 = {Da,Bb,Cb2}
b3= {Da,Bb,Cb3}
b4 = {Da,Bb,Cb4}
b5 = {Da,Bb,Cb5}
b6 = {Da,Bb,Cb6}
Q (b1)
tCAC
Q (b2)
Q (b3)
Q (b4)
Q (b5)
Transaction c: WR
c0 = {Da,Ba,Rc}
D (a1)
The retire operation puts the
write data in the new row
WARNING
This sequence is hazardous
and must be used with caution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com