전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F2M110ANDD 데이터시트(PDF) 17 Page - Renesas Technology Corp

부품명 R5F2M110ANDD
상세설명  RENESAS MCU
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2M110ANDD 데이터시트(HTML) 17 Page - Renesas Technology Corp

Back Button R5F2M110ANDD Datasheet HTML 13Page - Renesas Technology Corp R5F2M110ANDD Datasheet HTML 14Page - Renesas Technology Corp R5F2M110ANDD Datasheet HTML 15Page - Renesas Technology Corp R5F2M110ANDD Datasheet HTML 16Page - Renesas Technology Corp R5F2M110ANDD Datasheet HTML 17Page - Renesas Technology Corp R5F2M110ANDD Datasheet HTML 18Page - Renesas Technology Corp R5F2M110ANDD Datasheet HTML 19Page - Renesas Technology Corp R5F2M110ANDD Datasheet HTML 20Page - Renesas Technology Corp R5F2M110ANDD Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 48 page
background image
R8C/M11A Group, R8C/M12A Group
3. Address Space
Under development Preliminary document
Specifications in this document are tentative and subject to change.
R01DS0010EJ0010 Rev.0.10
Page 17 of 45
Aug 25, 2010
X: Undefined
Note:
1. The blank areas are reserved. No access is allowed.
Table 3.3
SFR Information (3) (1)
Address
Register Name
Symbol
After Reset
0007Ah
0007Bh
0007Ch
0007Dh
0007Eh
0007Fh
00080h
UART0 Transmit/Receive Mode Register
U0MR
00h
00081h
UART0 Bit Rate Register
U0BRG
XXh
00082h
UART0 Transmit Buffer Register
U0TBL
XXh
00083h
U0TBH
XXh
00084h
UART0 Transmit/Receive Control Register 0
U0C0
00001000b
00085h
UART0 Transmit/Receive Control Register 1
U0C1
00000010b
00086h
UART0 Receive Buffer Register
U0RBL
XXh
00087h
U0RBH
XXh
00088h
UART0 Interrupt Flag and Enable Register
U0IR
00h
00089h
0008Ah
0008Bh
0008Ch
0008Dh
0008Eh
0008Fh
00090h
00091h
00092h
00093h
00094h
00095h
00096h
00097h
00098h
A/D Register 0
AD0L
XXh
00099h
AD0H
000000XXb
0009Ah
A/D Register 1
AD1L
XXh
0009Bh
AD1H
000000XXb
0009Ch
A/D Mode Register
ADMOD
00h
0009Dh
A/D Input Select Register
ADINSEL
00h
0009Eh
A/D Control Register 0
ADCON0
00h
0009Fh
A/D Interrupt Control Status Register
ADICSR
00h
000A0h
000A1h
000A2h
000A3h
000A4h
000A5h
000A6h
000A7h
000A8h
000A9h
Port P1 Direction Register
PD1
00h
000AAh
000ABh
Port P3 Direction Register
PD3
00h
000ACh
Port P4 Direction Register
PD4
00h
000ADh
Port PA Direction Register
PDA
00h
000AEh
000AFh
Port P1 Register
P1
00h
000B0h
000B1h
Port P3 Register
P3
00h
000B2h
Port P4 Register
P4
00h
000B3h
Port PA Register
PA
00h
000B4h
000B5h
Pull-Up Control Register 1
PUR1
00h
000B6h
000B7h
Pull-Up Control Register 3
PUR3
00h
000B8h
Pull-Up Control Register 4
PUR4
00h
000B9h
Port I/O Function Control Register
PINSR
00h
000BAh
000BBh
Drive Capacity Control Register 1
DRR1
00h
000BCh
000BDh
Drive Capacity Control Register 3
DRR3
00h
000BEh
000BFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com