| 전자부품 데이터시트 검색엔진 |
|
R5F2L358CDFP 데이터시트(PDF) 60 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2L358CDFP 데이터시트(HTML) 60 Page - Renesas Technology Corp |
|
60 / 75 page ![]() R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group 5. Electrical Characteristics REJ03B0293-0100 Rev.1.00 Page 60 of 72 Jun 25, 2010 Note: 1. This applies when the drive capacity of the output transistor is set to High by registers P10DRR and P11DRR. When the drive capacity is set to Low, the value of any other pin applies. Table 5.21 DC Characteristics (5) [1.8 V ≤ Vcc < 2.7 V] (Topr = −20 to 85°C (N version) / −40 to 85°C (D version), unless otherwise specified.) Symbol Parameter Condition Standard Unit Min. Typ. Max. VOH Output “H” voltage Port P10, P11 (1) IOH = −2 mA VCC − 0.5 — VCC V Other pins IOH = −1 mA VCC − 0.5 — VCC V XOUT IOH = −200 µA1.0 — — V VOL Output “L” voltage Port P10, P11 (1) IOL = 2 mA —— 0.5 V Other pins IOL = 1 mA — — 0.5 V XOUT IOL = 200 µA— — 0.5 V VT+-VT- Hysteresis INT0, INT1, INT2, INT3, INT4, INT5, INT6, INT7, KI0, KI1, KI2, KI3, KI4, KI5, KI6, KI7, TRAIO, TRCIOA, TRCIOB, TRCIOC, TRCIOD, TRDIOA0, TRDIOB0, TRDIOC0, TRDIOD0, TRDIOA1, TRDIOB1, TRDIOC1, TRDIOD1, TRCTRG, TRCCLK, TRGCLKA, TRGCLKB, TRGIOA, TRGIOB, ADTRG, RXD0, RXD1, RXD2, CLK0, CLK1, CLK2, SSI, SCL, SDA, SSO 0.05 0.4 — V RESET, WKUP0 0.1 0.8 — V IIH Input “H” current VI = 1.8 V, VCC = 1.8 V — — 4.0 µA IIL Input “L” current VI = 0 V, VCC = 1.8 V — — −4.0 µA RPULLUP Pull-up resistance VI = 0 V, VCC = 1.8 V 60 160 420 k Ω RfXIN Feedback resistance XIN — 0.3 — M Ω RfXCIN Feedback resistance XCIN — 14 — M Ω VRAM RAM hold voltage During stop mode 1.8 — — V |