| 전자부품 데이터시트 검색엔진 |
|
R5F2L358CDFP 데이터시트(PDF) 7 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F2L358CDFP 데이터시트(HTML) 7 Page - Renesas Technology Corp |
|
7 / 75 page ![]() R8C/L35C Group, R8C/L36C Group, R8C/L38C Group, R8C/L3AC Group 1. Overview REJ03B0293-0100 Rev.1.00 Page 7 of 72 Jun 25, 2010 1.2 Product Lists Tables 1.7 to 1.10 list Product List for Each Group. Figures 1.1 to 1.4 show the Correspondence of Part No., with Memory Size and Package for Each Group. Table 1.7 Product List for R8C/L35C Group Current of Jun 2010 Figure 1.1 Correspondence of Part No., with Memory Size and Package of R8C/L35C Group Part No. Internal ROM Capacity Internal RAM Capacity Package Type Remarks Program ROM Data Flash R5F2L357CNFP 48 Kbytes 1 Kbyte × 4 6 Kbytes PLQP0052JA-A N Version R5F2L358CNFP 64 Kbytes 1 Kbyte × 4 8 Kbytes PLQP0052JA-A R5F2L35ACNFP 96 Kbytes 1 Kbyte × 4 10 Kbytes PLQP0052JA-A R5F2L35CCNFP 128 Kbytes 1 Kbyte × 4 10 Kbytes PLQP0052JA-A R5F2L357CDFP 48 Kbytes 1 Kbyte × 4 6 Kbytes PLQP0052JA-A D Version R5F2L358CDFP 64 Kbytes 1 Kbyte × 4 8 Kbytes PLQP0052JA-A R5F2L35ACDFP 96 Kbytes 1 Kbyte × 4 10 Kbytes PLQP0052JA-A R5F2L35CCDFP 128 Kbytes 1 Kbyte × 4 10 Kbytes PLQP0052JA-A Part No. R 5 F 2L 35 C C N FP Package type: FP: LQFP (0.65 mm pin pitch) Classification N: Operating ambient temperature -20°C to 85°C D: Operating ambient temperature -40°C to 85°C ROM capacity 7: 48 KB 8: 64 KB A: 96 KB C: 128 KB R8C/L35C Group R8C/Lx Series Memory type F: Flash memory Renesas MCU Renesas semiconductor |