| 전자부품 데이터시트 검색엔진 |
|
PMR2010-D-R005-A-3-C 데이터시트(PDF) 3 Page - Sirectifier Global Corp. |
|
|
|||||||||||||||||||||||||||||
PMR2010-D-R005-A-3-C 데이터시트(HTML) 3 Page - Sirectifier Global Corp. |
|
3 / 5 page ![]() http:// www.sirectsemi.com □ PART NUMBER INFORMATION PMR2512 – A - R005 - a - 1 –A PMR SERIES Power Ratings Package Model Resistance Value Tolerance Temperature Coefficient Packaging PMR8050 PMR2010 PMR2512 A=0.125W B=0.25W C=0.5W D=1W E=2W R005=5mΩ R050=50mΩ 1=±0.5% 2=±1% 3=±3% a=±75ppm/ ֯ C b=±100ppm/ ֯ C c=±150ppm/ ֯ C d=±275ppm/ ֯ C A=500 pcs/reel B=1,000 pcs/reel C=2,000 pcs/reel D=4,000 pcs/reel E=5,000 pcs/reel |