| 전자부품 데이터시트 검색엔진 |
|
PMR2010-D-R005-A-3-C 데이터시트(PDF) 4 Page - Sirectifier Global Corp. |
|
|
|||||||||||||||||||||||||||||
PMR2010-D-R005-A-3-C 데이터시트(HTML) 4 Page - Sirectifier Global Corp. |
|
4 / 5 page ![]() http:// www.sirectsemi.com □ RELIABILITU PERFORMANCE Test Item Condition of Test Requirements Measurement Method Thermal Shock -60°C to + 150°C, 1000 cycles, 15 minutes at each extreme ± 0.5% Refer to JIS C 5202 7.4 Short Time Overload 5 x rated power for 5 seconds ± 0.5% Refer to JIS C 5202 5.5 Low Temperature Storage Kept - 60°C for 24 hours ± 0.5% Refer to JIS C 5202 7.1 High Temperature Exposure Kept + 170°C for 1000 hours ± 0.5% Refer to JIS C 5202 7.11 Bias Humidity + 85°C, 85% RH, 10% Bias, 1000 hours ± 0.5% - Mechanical Shock 100G’s for 6 milliseconds, 5 pulses ± 0.5% Refer to JIS C 5202 6.2 Vibration Frequency varied 10 to 2000Hz in one minute, 3 directions, 12 hours ± 0.5% - Load Life 1000 hours @ rated power, + 70°C, 1.5 hours “ON”, 0.5 hours “OFF” ± 1.0% Refer to JIS C 5202 7.10 Resistance to Solder Heat + 260°C Solder,10 - 12 second dwell, 25mm/second emergence ± 0.5% Refer to JIS C 5202 6.4 Moisture Resistance MIL-STD-202, Method 106, 0% power, 7a and 7b not required ± 0.5% - PMR SERIES |