전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

EPCS1 데이터시트(PDF) 35 Page - Altera Corporation

부품명 EPCS1
상세설명  Serial Configuration Devices
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ALTERA [Altera Corporation]
홈페이지  http://www.altera.com
Logo ALTERA - Altera Corporation

EPCS1 데이터시트(HTML) 35 Page - Altera Corporation

Back Button EPCS1 Datasheet HTML 30Page - Altera Corporation EPCS1 Datasheet HTML 31Page - Altera Corporation EPCS1 Datasheet HTML 32Page - Altera Corporation EPCS1 Datasheet HTML 33Page - Altera Corporation EPCS1 Datasheet HTML 34Page - Altera Corporation EPCS1 Datasheet HTML 35Page - Altera Corporation EPCS1 Datasheet HTML 36Page - Altera Corporation EPCS1 Datasheet HTML 37Page - Altera Corporation EPCS1 Datasheet HTML 38Page - Altera Corporation  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
Chapter 3: Serial Configuration Devices (EPCS1, EPCS4, EPCS16, EPCS64, and EPCS128) Data Sheet
3–35
Ordering Code
© December 2009
Altera Corporation
Configuration Handbook (Complete Two-Volume Set)
Ordering Code
Table 3–24 lists the ordering codes for serial configuration devices.
Chapter Revision History
Table 3–25 lists the revision history for this chapter.
Table 3–24. Serial Configuration Device Ordering Codes
Device
Ordering Code (1)
EPCS1
EPCS1SI8
EPCS1SI8N
EPCS4
EPCS4SI8
EPCS4SI8N
EPCS16
EPCS16SI16N
EPCS16SI8N
EPCS64
EPCS64SI16N
EPCS128
EPCS128SI16N
Note to Table 3–24:
(1) N: Lead free.
Table 3–25. Chapter Revision History (Part 1 of 3)
Date
Version
Changes Made
December 2009
3.3
■ Updated “Features” and “Functional Description” sections.
■ Added “Fast Read Operation” section.
■ Removed Table 4–2 to Table 4–9, Table 4-26, and Table 4–33.
■ Updated Table 3–1
.
■ Updated Figure 3–2.
■ Removed “Referenced Documents” section.
October 2008
3.2
■ Updated “Introduction”, “Active Serial FPGA Configuration”, “Operation Codes”,
“Read Status Operation”, “Read Device Identification Operation”, and “Package”
sections.
■ Updated Table 4–10, Table 4–25, Table 4–26, and Table 4–32.
■ Updated Figure 4–5, Figure 4–13, and Figure 4–19.
■ Added Figure 4–22.
■ Added Table 4–33.
■ Updated new document format.
May 2008
3.1
■ Updated Table 4–3, Table 4–6, Table 4–7, Table 4–28, and Table 4–29.
■ Deleted Note 5 to Table 4–31.
■ Added “Referenced Documents” section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38