전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F337 데이터시트(PDF) 37 Page - fujitsu semiconductor

부품명 MB90F337
상세설명  16-bit microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB90F337 데이터시트(HTML) 37 Page - fujitsu semiconductor

Back Button MB90F337 Datasheet HTML 33Page - fujitsu semiconductor MB90F337 Datasheet HTML 34Page - fujitsu semiconductor MB90F337 Datasheet HTML 35Page - fujitsu semiconductor MB90F337 Datasheet HTML 36Page - fujitsu semiconductor MB90F337 Datasheet HTML 37Page - fujitsu semiconductor MB90F337 Datasheet HTML 38Page - fujitsu semiconductor MB90F337 Datasheet HTML 39Page - fujitsu semiconductor MB90F337 Datasheet HTML 40Page - fujitsu semiconductor MB90F337 Datasheet HTML 41Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 48 page
background image
MB90335 Series
DS07-13735-6E
37
(5) I2C timing
(VCC
= 3.3 V ± 0.3 V, VSS = 0.0 V, TA = -40 °C to +85 °C)
*1 : fCP is internal operating clock frequency. Refer to “ (1) Clock input timing”.
*2 : R and C are pull-up resistance of SCL and SDA lines and load capacitance.
*3 : The maximum tHDDAT only has to be met if the device does not stretch the “L” width (tLOW) of the SCL signal.
*4 : Refer to “
• Note of SDA, SCL set-up time”.
Parameter
Symbol
Conditions
Value
Unit
Min
Max
SCL clock frequency
fSCL
Power-supply of external pull-up resistor
at 5.0 V
R
= 1.2 kΩ, C = 50 pF*2
Power-supply of external pull-up resistor
at 3.6 V
R
= 1.0 kΩ, C = 50 pF*2
0
100
kHz
(Repeat) [start] condition hold
time
SDA
↓ → SCL ↓
tHDSTA
4.0
⎯μs
SCL clock “L” width
tLOW
4.7
⎯μs
SCL clock “H” width
tHIGH
4.0
⎯μs
Repeat [start] condition setup time
SCL
↑ → SDA ↓
tSUSTA
4.7
⎯μs
Data hold time
SCL
↓ → SDA ↓ ↑
tHDDAT
03.45*3
μs
Data setup time
SDA
↓ ↑ → SCL ↑
tSUDAT
Power-supply of external pull-up resistor
at 5.0 V
fCP*1
≤ 20 MHz, R = 1.2 kΩ, C = 50 pF*2
Power-supply of external pull-up resistor
at 3.6 V
fCP*1
≤ 20 MHz, R = 1.0 kΩ, C = 50 pF*2
250*4
⎯
ns
Power-supply of external pull-up resistor
at 5.0 V
fCP*1
> 20 MHz, R = 1.2 kΩ, C = 50 pF*2
Power-supply of external pull-up resistor
at 3.6 V
fCP*1
> 20 MHz, R = 1.0 kΩ, C = 50 pF*2
200*4
⎯
[Stop] condition setup time
SCL
↑ → SDA ↑
tSUSTO
Power-supply of external pull-up resistor
at 5.0 V
R
= 1.2 kΩ, C = 50 pF*2
Power-supply of external pull-up resistor
at 3.6 V
R
= 1.0 kΩ, C = 50 pF*2
4.0
⎯μs
Bus free time between [stop]
condition and [start] condition
tBUS
4.7
⎯μs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com