전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MB90F337 데이터시트(PDF) 31 Page - fujitsu semiconductor

부품명 MB90F337
상세설명  16-bit microcontrollers
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FUJITSU [fujitsu semiconductor]
홈페이지  
Logo FUJITSU - fujitsu semiconductor

MB90F337 데이터시트(HTML) 31 Page - fujitsu semiconductor

Back Button MB90F337 Datasheet HTML 27Page - fujitsu semiconductor MB90F337 Datasheet HTML 28Page - fujitsu semiconductor MB90F337 Datasheet HTML 29Page - fujitsu semiconductor MB90F337 Datasheet HTML 30Page - fujitsu semiconductor MB90F337 Datasheet HTML 31Page - fujitsu semiconductor MB90F337 Datasheet HTML 32Page - fujitsu semiconductor MB90F337 Datasheet HTML 33Page - fujitsu semiconductor MB90F337 Datasheet HTML 34Page - fujitsu semiconductor MB90F337 Datasheet HTML 35Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 48 page
background image
MB90335 Series
DS07-13735-6E
31
(Continued)
(VCC
= 3.3 V ± 0.3 V, VSS = 0.0 V, TA = -40 °C to +85 °C)
Note : P60 to P67 are N-ch open-drain pins usually used as CMOS.
Parameter
Sym-
bol
Pin name
Conditions
Value
Unit
Remarks
Min
Typ
Max
Input
capacitance
CIN
Other than Vcc and
Vss
⎯⎯
515
pF
Pull-up
resistor
Rup
RST
⎯
25
50
100
k
Ω
Pull-down
resistor
Rdown MD2
VCC
= 3.0 V
At TA
= +25 °C
25
50
100
k
Ω MB90337
USB I/O
output
impedance
ZUSB
DVP, DVM
HVP, HVM
⎯
3
⎯
14
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com