| 전자부품 데이터시트 검색엔진 |
|
MB90F474LPFV 데이터시트(PDF) 14 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB90F474LPFV 데이터시트(HTML) 14 Page - fujitsu semiconductor |
|
14 / 118 page ![]() MB90470 Series 14 s I/O CIRCUIT TYPES (Continued) Type Circuit Remarks A Oscillator feedback resistance : X1,X0 1 M Ω approx. X1A,X0A 10 M Ω approx. Includes standby control B Hysteresis with pull-up resistance Input resistance 50 k Ω approx. C Includes input pull-up resistance control CMOS level input/output Resistance : 50 k Ω approx. D CMOS level input/output E Hysteresis input CMOS level input/output X1, X1A X0, X0A Standby control signal HYS CTL CMOS CMOS CMOS |