| 전자부품 데이터시트 검색엔진 |
|
74LVC2T45GD 데이터시트(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
74LVC2T45GD 데이터시트(HTML) 2 Page - NXP Semiconductors |
|
2 / 36 page ![]() 74LVC_LVCH2T45 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 4 — 20 August 2010 2 of 36 NXP Semiconductors 74LVC2T45; 74LVCH2T45 Dual supply translating transceiver; 3-state Suspend mode Latch-up performance exceeds 100 mA per JESD 78 Class II ±24 mA output drive (V CC =3.0 V) Inputs accept voltages up to 5.5 V Low power consumption: 16 μA maximum I CC IOFF circuitry provides partial Power-down mode operation Multiple package options Specified from −40 °Cto+85 °C and −40 °Cto+125 °C 3. Ordering information 4. Marking Table 1. Ordering information Type number Package Temperature range Name Description Version 74LVC2T45DC −40 °Cto+125 °C VSSOP8 plastic very thin shrink small outline package; 8 leads; body width 2.3 mm SOT765-1 74LVCH2T45DC 74LVC2T45GT −40 °Cto+125 °C XSON8 plastic extremely thin small outline package; no leads; 8 terminals; body 1 × 1.95 × 0.5 mm SOT833-1 74LVCH2T45GT 74LVC2T45GF −40 °C to +125 °C XSON8 extremely thin small outline package; no leads; 8 terminals; body 1.35 × 1 × 0.5 mm SOT1089 74LVCH2T45GF 74LVC2T45GD −40 °Cto+125 °C XSON8U plastic extremely thin small outline package; no leads; 8 terminals; UTLP based; body 3 × 2 × 0.5 mm SOT996-2 74LVCH2T45GD 74LVC2T45GM −40 °Cto+125 °C XQFN8U plastic extremely thin quad flat package; no leads; 8 terminals; UTLP based; body 1.6 × 1.6 × 0.5 mm SOT902-1 74LVCH2T45GM 74LVC2T45GN −40 °C to +125 °C XSON8 extremely thin small outline package; no leads; 8 terminals; body 1.2 × 1.0 × 0.35 mm SOT1116 74LVCH2T45GN 74LVC2T45GS −40 °C to +125 °C XSON8 extremely thin small outline package; no leads; 8 terminals; body 1.35 × 1.0 × 0.35 mm SOT1203 74LVCH2T45GS Table 2. Marking Type number Marking code[1] 74LVC2T45DC V45 74LVCH2T45DC X45 74LVC2T45GT V45 74LVCH2T45GT X45 74LVC2T45GF V5 74LVCH2T45GF X5 74LVC2T45GD V45 74LVCH2T45GD X45 74LVC2T45GM V45 74LVCH2T45GM X45 |