| 전자부품 데이터시트 검색엔진 |
|
PCF8532 데이터시트(PDF) 33 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8532 데이터시트(HTML) 33 Page - NXP Semiconductors |
|
33 / 44 page ![]() PCF8532_1 © NXP B.V. 2009. All rights reserved. Product data sheet Rev. 1 — 10 February 2009 33 of 44 NXP Semiconductors PCF8532 Universal LCD driver for low multiplex rates Alternatively the schematic can be also constructed such that all the devices have OSC pin connected to VDD and thus an external CLK being provided for the system (all devices connected to the same external CLK). A configuration where SYNC is connected but all PCF8532 are using the internal clock (OSC pin tied to VSS) is not recommended and may lead to display artefacts! Table 19. SYNC contact resistance Number of devices Maximum contact resistance 2 6000 Ω 3 to 5 2200 Ω 6 to 8 1200 Ω (1) Is master (OSC connected to VSS). (2) Is slave (OSC connected to VDD). Fig 21. Cascaded configuration with two PCF8532’s using the internal clock of the master HOST MICRO- PROCESSOR/ MICRO- CONTROLLER SDA SCL CLK OSC SYNC 160 segment drives 4 backplanes 160/80/40 segment drives LCD PANEL (up to 2560 elements) PCF8532 (1) A0 A1 SA0 VSS VSS VSS VDD VDD VLCD VLCD VDD VLCD 001aah855 SDA SDAACK SDAACK SCL SYNC CLK OSC BP0 to BP3 (open-circuit) A0 A1 SA0 PCF8532 (2) BP0 to BP3 R tr 2CB ≤ |