| 전자부품 데이터시트 검색엔진 |
|
M95128-DW3TG/P 데이터시트(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95128-DW3TG/P 데이터시트(HTML) 36 Page - STMicroelectronics |
|
36 / 44 page ![]() Package mechanical data M95128, M95128-W, M95128-R 36/44 Doc ID 5798 Rev 13 10 Package mechanical data In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK® packages, depending on their level of environmental compliance. ECOPACK® specifications, grade definitions and product status are available at: www.st.com. ECOPACK® is an ST trademark. Figure 18. SO8N – 8-lead plastic small outline, 150 mils body width, package outline 1. Drawing is not to scale. Table 20. SO8N – 8-lead plastic small outline, 150 mils body width, package mechanical data Symbol millimeters inches(1) 1. Values in inches are converted from mm and rounded to 4 decimal digits. Typ Min Max Typ Min Max A 1.75 0.0689 A1 0.10 0.25 0.0039 0.0098 A2 1.25 0.0492 b 0.28 0.48 0.011 0.0189 c 0.17 0.23 0.0067 0.0091 ccc 0.10 0.0039 D 4.90 4.80 5.00 0.1929 0.189 0.1969 E 6.00 5.80 6.20 0.2362 0.2283 0.2441 E1 3.90 3.80 4.00 0.1535 0.1496 0.1575 e1.27– –0.05 - - h 0.25 0.50 0.0098 0.0197 k 0°8° 0°8° L 0.40 1.27 0.0157 0.05 L1 1.04 0.0409 SO-A E1 8 ccc b e A D c 1 E h x 45˚ A2 k 0.25 mm L L1 A1 GAUGE PLANE |