| 전자부품 데이터시트 검색엔진 |
|
M95128-DW3TG/P 데이터시트(PDF) 40 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95128-DW3TG/P 데이터시트(HTML) 40 Page - STMicroelectronics |
|
40 / 44 page ![]() Part numbering M95128, M95128-W, M95128-R 40/44 Doc ID 5798 Rev 13 Table 24. Available M95128x products (package, voltage range, temperature grade) Package M95128-R (1.8 V to 5.5 V) M95128-W (2.5 V to 5.5 V) M95128 (4.5 V to 5.5 V) SO8N (MN) Grade 6 Grade 6 Grade 3(1) 1. Grade 3 products (without ECC) are codified as /P and /PC in Table 23: Ordering information scheme). Grade 3(1) UFDFPN8 (MLP8) 2 × 3 mm (MB) Grade 6 - - TSSOP (DW) Grade 6 Grade 3(1) - |