전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PSD4235G2-12UT 데이터시트(PDF) 20 Page - STMicroelectronics

부품명 PSD4235G2-12UT
상세설명  Flash in-system programmable (ISP) peripherals for 16-bit MCUs (3.3 V supply)
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PSD4235G2-12UT 데이터시트(HTML) 20 Page - STMicroelectronics

Back Button PSD4235G2-12UT Datasheet HTML 16Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 17Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 18Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 19Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 20Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 21Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 22Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 23Page - STMicroelectronics PSD4235G2-12UT Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 124 page
background image
Development system
PSD4235G2V
20/124
3
Development system
The PSD family is supported by PSDsoft Express, a Windows-based software development
tool (Windows-95, Windows-98, Windows-2000, Windows-NT). A PSD design is quickly and
easily produced in a point and click environment. The designer does not need to enter
Hardware Description Language (HDL) equations, unless desired, to define PSD pin
functions and memory map information. The general design flow is shown in Figure 4.
PSDsoft Express is available from our web site (the address is given on the back page of
this data sheet) or other distribution channels.
PSDsoft Express directly supports two low cost device programmers form ST: PSDpro and
FlashLINK (JTAG). Both of these programmers may be purchased through your local
distributor/representative, or directly from our web site using a credit card. The PSD is also
supported by third party device programmers. See our web site for the current list.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More