전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M95080-RMN6G/G 데이터시트(PDF) 6 Page - STMicroelectronics

부품명 M95080-RMN6G/G
상세설명  16 Kbit and 8 Kbit serial SPI bus EEPROM with high speed clock
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M95080-RMN6G/G 데이터시트(HTML) 6 Page - STMicroelectronics

Back Button M95080-RMN6G/G Datasheet HTML 2Page - STMicroelectronics M95080-RMN6G/G Datasheet HTML 3Page - STMicroelectronics M95080-RMN6G/G Datasheet HTML 4Page - STMicroelectronics M95080-RMN6G/G Datasheet HTML 5Page - STMicroelectronics M95080-RMN6G/G Datasheet HTML 6Page - STMicroelectronics M95080-RMN6G/G Datasheet HTML 7Page - STMicroelectronics M95080-RMN6G/G Datasheet HTML 8Page - STMicroelectronics M95080-RMN6G/G Datasheet HTML 9Page - STMicroelectronics M95080-RMN6G/G Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
Description
M95160-x, M95080-x
6/50
Doc ID 8028 Rev 10
1
Description
The M95160-x and M95080-x are electrically erasable programmable memory (EEPROM)
devices. They are accessed by a high-speed SPI-compatible bus. The memory array is
organized as 2048 x 8 bit (M95160-x), and 1024 x 8 bit (M95080-x).
The device is accessed by a simple serial interface that is SPI-compatible. The bus signals
are C, D and Q, as shown in Table 2 and Figure 1.
The device is selected when Chip Select (S) is taken low. Communications with the device
can be interrupted using Hold (HOLD).
Figure 1.
Logic diagram
Table 2.
Signal names
Signal name
Function
Direction
C
Serial Clock
Input
D
Serial Data input
Input
Q
Serial Data output
Output
S
Chip Select
Input
W
Write Protect
Input
HOLD
Hold
Input
VCC
Supply voltage
VSS
Ground
AI01789C
S
VCC
M95xxx
HOLD
VSS
W
Q
C
D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50