| 전자부품 데이터시트 검색엔진 |
|
M95080-RMN6G/G 데이터시트(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M95080-RMN6G/G 데이터시트(HTML) 14 Page - STMicroelectronics |
|
14 / 50 page ![]() Operating features M95160-x, M95080-x 14/50 Doc ID 8028 Rev 10 4.5 Data protection and protocol control Non-volatile memory devices can be used in environments that are particularly noisy, and within applications that could experience problems if memory bytes are corrupted. Consequently, the device features the following data protection mechanisms: ● Write and Write Status Register instructions are checked that they consist of a number of clock pulses that is a multiple of eight, before they are accepted for execution. ● All instructions that modify data must be preceded by a Write Enable (WREN) instruction to set the Write Enable Latch (WEL) bit. This bit is returned to its reset state by the following events: –Power-up – Write Disable (WRDI) instruction completion – Write Status Register (WRSR) instruction completion – Write (WRITE) instruction completion ● The Block Protect (BP1, BP0) bits in the Status Register allow part of the memory to be configured as read-only. ● The Write Protect (W) signal allows the Block Protect (BP1, BP0) bits of the Status Register to be protected. For any instruction to be accepted, and executed, Chip Select (S) must be driven high after the rising edge of Serial Clock (C) for the last bit of the instruction, and before the next rising edge of Serial Clock (C). Two points need to be noted in the previous sentence: ● The ‘last bit of the instruction’ can be the eighth bit of the instruction code, or the eighth bit of a data byte, depending on the instruction (except for Read Status Register (RDSR) and Read (READ) instructions). ● The ‘next rising edge of Serial Clock (C)’ might (or might not) be the next bus transaction for some other device on the SPI bus. Table 3. Write-protected block size Status Register bits Protected block Protected array addresses BP1 BP0 M95160-x M95080-x 0 0 none none none 0 1 Upper quarter 0600h - 07FFh 0300h - 03FFh 1 0 Upper half 0400h - 07FFh 0200h - 03FFh 1 1 Whole memory 0000h - 07FFh 0000h - 03FFh |