전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD40NF10 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STD40NF10
상세설명  N-channel 100V - 0.025Ω - 50A TO-220 / DPAK Low gate charge STripFET??II Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD40NF10 데이터시트(HTML) 1 Page - STMicroelectronics

  STD40NF10 Datasheet HTML 1Page - STMicroelectronics STD40NF10 Datasheet HTML 2Page - STMicroelectronics STD40NF10 Datasheet HTML 3Page - STMicroelectronics STD40NF10 Datasheet HTML 4Page - STMicroelectronics STD40NF10 Datasheet HTML 5Page - STMicroelectronics STD40NF10 Datasheet HTML 6Page - STMicroelectronics STD40NF10 Datasheet HTML 7Page - STMicroelectronics STD40NF10 Datasheet HTML 8Page - STMicroelectronics STD40NF10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
September 2007
Rev 4
1/15
15
STD40NF10
STP40NF10
N-channel 100V - 0.025
Ω - 50A TO-220 / DPAK
Low gate charge STripFET™ II Power MOSFET
Features
■ Exceptional dv/dt capability
■ Low gate charge
■ 100% avalanche tested
Application
■ Switching applications
Description
This Power MOSFET is the latest development of
STMicroelectronics unique "single feature size"
strip-based process. The resulting transistor
shows extremely high packing density for low on-
resistance, rugged avalanche characteristics and
less critical alignment steps allowing remarkable
manufacturing reproducibility.
Figure 1.
Internal schematic diagram
Type
VDSS
RDS(on) Max
ID
STD40NF10
100V
<0.028
Ω
50A
STP40NF10
100V
<0.028
Ω
50A
TO-220
1
2
3
1
3
DPAK
Table 1.
Device summary
Order codes
Marking
Package
Packaging
STP40NF10
P40NF10
TO-220
Tube
STD40NF10
D40NF10
DPAK
Tape & reel
www.st.com


유사한 부품 번호 - STD40NF10

제조업체부품명데이터시트상세설명
logo
Inchange Semiconductor ...
STD40NF10 ISC-STD40NF10 Datasheet
322Kb / 2P
N-Channel MOSFET Transistor
More results

유사한 설명 - STD40NF10

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STD15NF10 STMICROELECTRONICS-STD15NF10 Datasheet
412Kb / 13P
N-channel 100V - 0.060ohm- 23A - DPAK Low gate charge STripFET II Power MOSFET
08-Aug-2006
STD25NF10L STMICROELECTRONICS-STD25NF10L Datasheet
451Kb / 9P
N-CHANNEL 100V - 0.030 ohm - 25A DPAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Feb-2003
STP40NF10 STMICROELECTRONICS-STP40NF10 Datasheet
479Kb / 11P
N-CHANNEL 100V - 0.024ohm - 50A TO-220/D2PAK/I2PAK LOW GATE CHARGE STripFET™ II POWER MOSFET
Sep-2002
IRF530 STMICROELECTRONICS-IRF530 Datasheet
281Kb / 3P
N-CHANNEL 100V - 0.115 W - 14A TO-220 LOW GATE CHARGE STripFET™ II POWER MOSFET
June 1988
STP135N10 STMICROELECTRONICS-STP135N10 Datasheet
204Kb / 8P
N-CHANNEL 100V - 0.007 ohm - 135A DPAK/TO-220 LOW GATE CHARGE STripFET POWER MOSFET
Jul-2003
STP40NF10 STMICROELECTRONICS-STP40NF10_07 Datasheet
238Kb / 12P
N-channel 100V - 0.025??- 50A TO-220 Low gate charge STripFET??II Power MOSFET
31-Jan-2007
IRF540 STMICROELECTRONICS-IRF540_03 Datasheet
311Kb / 8P
N-CHANNEL 100V - 0.055Ω - 22A TO-220 LOW GATE CHARGE STripFET™II POWER MOSFET
Feb-2003
STB40NF10 STMICROELECTRONICS-STB40NF10_07 Datasheet
411Kb / 13P
N-channel 100V - 0.025廓 - 50A - D2PAK Low gate charge STripFET??II Power MOSFET
26-Jun-2006
STD26NF10 STMICROELECTRONICS-STD26NF10 Datasheet
397Kb / 13P
N-channel 100V - 0.033Ω - 25A - DPAK Low gate charge STripFET™II Power MOSFET
20-Apr-2007
STD25NF10LT4 STMICROELECTRONICS-STD25NF10LT4 Datasheet
432Kb / 13P
N-channel 100V - 0.030Ohm - 25A - DPAK Low gate charge STripFET II Power MOSFET
03-Jun-2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com