전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STD40NF10 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STD40NF10
상세설명  N-channel 100V - 0.025Ω - 50A TO-220 / DPAK Low gate charge STripFET??II Power MOSFET
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD40NF10 데이터시트(HTML) 4 Page - STMicroelectronics

  STD40NF10 Datasheet HTML 1Page - STMicroelectronics STD40NF10 Datasheet HTML 2Page - STMicroelectronics STD40NF10 Datasheet HTML 3Page - STMicroelectronics STD40NF10 Datasheet HTML 4Page - STMicroelectronics STD40NF10 Datasheet HTML 5Page - STMicroelectronics STD40NF10 Datasheet HTML 6Page - STMicroelectronics STD40NF10 Datasheet HTML 7Page - STMicroelectronics STD40NF10 Datasheet HTML 8Page - STMicroelectronics STD40NF10 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
Electrical characteristics
STP40NF10 - STD40NF10
4/15
2
Electrical characteristics
(TCASE=25°C unless otherwise specified)
Table 4.
On/off states
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
V(BR)DSS
Drain-source
Breakdown voltage
ID = 250 µA, VGS = 0
100
V
IDSS
Zero gate voltage
Drain current (VGS = 0)
VDS = Max rating
1
µA
VDS=Max rating,TC=125°C
10
µA
IGSS
Gate-body leakage
current (VDS = 0)
VGS = ±20V
±100
nA
VGS(th)
Gate threshold voltage
VDS = VGS, ID = 250µA
2
3
4
V
RDS(on)
Static drain-source on
resistance
VGS = 10V, ID = 25A
0.025
0.028
Ω
Table 5.
Dynamic
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
gfs
(1)
1.
Pulsed: Pulse duration = 300 µs, duty cycle 1.5.
Forward transconductance
VDS = 15V, ID=28A
22
S
Ciss
Input capacitance
VDS = 25V, f = 1 MHz,
VGS = 0
2180
pF
Coss
Output capacitance
298
pF
Crss
Reverse transfer
capacitance
83.7
pF
Qg
Total gate charge
VDD = 50V, ID = 40A,
VGS = 10V
(see Figure 17)
46.5
62
nC
Qgs
Gate-source charge
13.3
nC
Qgd
Gate-drain charge
17.5
22.5
nC
Table 6.
Switching times
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(on)
tr
Turn-on delay time
Rise time
VDD = 50V, ID = 25A
RG =4.7Ω VGS = 10V
(see Figure 16)
21
46
ns
ns
td(off)
tf
Turn-off-delay time
Fall time
VDD = 27V, ID = 40A,
RG =4.7Ω, VGS = 10V
(see Figure 16)
54
13
ns
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com