전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

D201GLY 데이터시트(PDF) 32 Page - Intel Corporation

부품명 D201GLY
상세설명  Technical Product Specification
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

D201GLY 데이터시트(HTML) 32 Page - Intel Corporation

Back Button D201GLY Datasheet HTML 28Page - Intel Corporation D201GLY Datasheet HTML 29Page - Intel Corporation D201GLY Datasheet HTML 30Page - Intel Corporation D201GLY Datasheet HTML 31Page - Intel Corporation D201GLY Datasheet HTML 32Page - Intel Corporation D201GLY Datasheet HTML 33Page - Intel Corporation D201GLY Datasheet HTML 34Page - Intel Corporation D201GLY Datasheet HTML 35Page - Intel Corporation D201GLY Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 76 page
background image
Intel Desktop Board D201GLY Technical Product Specification
32
1.11.2.4
Resume on Ring
The operation of Resume on Ring can be summarized as follows:
•
Resumes operation from ACPI S1 states
•
Detects incoming call similarly for external and internal modems
•
Requires modem interrupt be unmasked for correct operation
1.11.2.5
Wake from USB
USB bus activity wakes the computer from ACPI S1 states.
NOTE
Wake from USB requires the use of a USB peripheral that supports Wake from USB.
1.11.2.6
Wake from PS/2 Devices
PS/2 device activity wakes the computer from an ACPI S1 state.
1.11.2.7
PME# Signal Wake-up Support
When the PME# signal on the PCI Conventional bus is asserted, the computer wakes
from an ACPI S1, S4, or S5 state (with Wake on PME enabled in BIOS).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76