전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DP35DP 데이터시트(PDF) 41 Page - Intel Corporation

부품명 DP35DP
상세설명  Technical Product Specification
PDF  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEL [Intel Corporation]
홈페이지  http://www.intel.com
Logo INTEL - Intel Corporation

DP35DP 데이터시트(HTML) 41 Page - Intel Corporation

Back Button DP35DP Datasheet HTML 37Page - Intel Corporation DP35DP Datasheet HTML 38Page - Intel Corporation DP35DP Datasheet HTML 39Page - Intel Corporation DP35DP Datasheet HTML 40Page - Intel Corporation DP35DP Datasheet HTML 41Page - Intel Corporation DP35DP Datasheet HTML 42Page - Intel Corporation DP35DP Datasheet HTML 43Page - Intel Corporation DP35DP Datasheet HTML 44Page - Intel Corporation DP35DP Datasheet HTML 45Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 84 page
background image
Technical Reference
41
2.2.1
Back Panel Connectors
Figure 9 shows the location of the back panel connectors.
Item
Description
A
IEEE-1394a
B
USB ports [2]
C
USB ports [2]
D
LAN
E
USB ports [2]
F
Surround left/right channel audio out
G
Center channel and LFE (subwoofer) audio out
H
Audio line in
I
S/PDIF Digital audio out (optical)
J
Mic in
K
Audio line out
Figure 9. Back Panel Connectors
NOTE
The back panel audio line out connector is designed to power headphones or amplified
speakers only. Poor audio quality occurs if passive (non-amplified) speakers are
connected to this output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84