전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX4772 데이터시트(PDF) 1 Page - Maxim Integrated Products

부품명 MAX4772
상세설명  200mA/500mA Selectable Current-Limit Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4772 데이터시트(HTML) 1 Page - Maxim Integrated Products

  MAX4772 Datasheet HTML 1Page - Maxim Integrated Products MAX4772 Datasheet HTML 2Page - Maxim Integrated Products MAX4772 Datasheet HTML 3Page - Maxim Integrated Products MAX4772 Datasheet HTML 4Page - Maxim Integrated Products MAX4772 Datasheet HTML 5Page - Maxim Integrated Products MAX4772 Datasheet HTML 6Page - Maxim Integrated Products MAX4772 Datasheet HTML 7Page - Maxim Integrated Products MAX4772 Datasheet HTML 8Page - Maxim Integrated Products MAX4772 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The MAX4772/MAX4773 switches feature selectable
internal current limiting to prevent damage to host
devices
due
to
faulty
load
conditions.
The
MAX4772/MAX4773 include a logic input to select a
guaranteed 200mA or 500mA current limit, making them
ideal for SDIO and other load-switching applications.
These analog switches have a low 0.2
Ω on-resistance
and operate from a 2.0V to 4.5V input voltage range.
When the switch is on and a load is connected to the
port, a guaranteed blanking time of 14ms ensures that
the transient voltage settles down. If, after this blanking
time, the load current is greater than the current limit,
the MAX4772 switch is turned off and issues a FLAG to
the microprocessor. The switch can be turned on again
by cycling the power or the ON input.
The MAX4773 has an autoretry feature where the switch
turns off and issues a FLAG to the microprocessor after
the blanking time and then continuously checks to see if
the overload condition is present. The switch remains
on after the overload condition disappears and FLAG
deasserts.
The MAX4772/MAX4773 are available in tiny space-sav-
ing 6-pin SOT23 and 6-pin TDFN (3mm x 3mm) pack-
ages.
Applications
SDIO
PDAs and Palmtop Devices
Cell Phones
GPS Systems
Hand-Held Devices
Features
o Guaranteed Current Limit: 200mA or 500mA
o Thermal-Shutdown Protection
o Reverse-Current Protection
o 0.2Ω On-Resistance (SEL = High)
o 14ms Guaranteed Blanking Time
o FLAG Function
o Autoretry (MAX4773)
o 80µA Supply Current
o 6µA Latch-Off Current (MAX4772)
o 0.01µA Shutdown Current
o 2.0V to 4.5V Supply Range
o Fast Current-Limit Response Time
o Tiny SOT23 and TDFN Packages
o UL Certification Pending
200mA/500mA Selectable
Current-Limit Switches
________________________________________________________________ Maxim Integrated Products
1
Ordering Information
2.0V TO 4.5V
IN
OUT
FLAG
GND
ON
µP
TO SDIO PORT
MAX4772
MAX4773
SEL
Typical Operating Circuit
19-2926; Rev 0; 7/03
For pricing, delivery, and ordering information, please contact Maxim/Dallas Direct! at
1-888-629-4642, or visit Maxim’s website at www.maxim-ic.com.
PART
TEMP RANGE
PIN-
PACKAGE
TOP
MARK
MAX4772EUT-T
-40°C to +85°C
6 SOT23-6
ABND
MAX4772ETT*
-40°C to +85°C
6 TDFN-EP**
MAX4773EUT-T
-40°C to +85°C
6 SOT23-6
ABNE
MAX4773ETT*
-40°C to +85°C
6 TDFN-EP**
Selector Guide
PART
AUTORETRY
MAX4772EUK-T
No
MAX4772ETT
No
MAX4773EUK-T
Yes
MAX4773ETT
Yes
GND
16 OUT
5 SEL
IN
MAX4772
MAX4773
SOT23
TOP VIEW
2
34 FLAG
ON
OUT
16 ON
5 GND
IN
MAX4772
MAX4773
TDFN
2
34 FLAG
SEL
Pin Configurations
*Future product—contact factory for availability.
**EP—Exposed pad.


유사한 부품 번호 - MAX4772

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX477 MAXIM-MAX477 Datasheet
178Kb / 12P
300MHz High-Speed Op Amp
Rev 2; 5/97
MAX477EPA MAXIM-MAX477EPA Datasheet
178Kb / 12P
300MHz High-Speed Op Amp
Rev 2; 5/97
MAX477ESA MAXIM-MAX477ESA Datasheet
178Kb / 12P
300MHz High-Speed Op Amp
Rev 2; 5/97
MAX477EUA MAXIM-MAX477EUA Datasheet
178Kb / 12P
300MHz High-Speed Op Amp
Rev 2; 5/97
MAX477EUK-T MAXIM-MAX477EUK-T Datasheet
178Kb / 12P
300MHz High-Speed Op Amp
Rev 2; 5/97
More results

유사한 설명 - MAX4772

제조업체부품명데이터시트상세설명
logo
Maxim Integrated Produc...
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
MAX4795 MAXIM-MAX4795 Datasheet
234Kb / 9P
450mA/500mA Current-Limit Switches
Rev 0; 8/03
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4914B MAXIM-MAX4914B Datasheet
187Kb / 11P
100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Rev 2; 6/08
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
Current-Limit Switches
logo
Maxim Integrated Produc...
MAX20314 MAXIM-MAX20314 Datasheet
653Kb / 14P
500mA to 6A Adjustable Current-Limit Switches
Rev 0; 6/17
logo
Fitipower Integrated Te...
FP6866 FITIPOWER-FP6866 Datasheet
376Kb / 9P
200mA Current-Limit Switches
logo
Maxim Integrated Produc...
MAX20313 MAXIM-MAX20313_V01 Datasheet
715Kb / 14P
500mA to 6A Adjustable Current-Limit Switches
2019
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
200mA/250mA/300mA Current-Limit Switches
2019
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com