전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX4772 데이터시트(PDF) 5 Page - Maxim Integrated Products

부품명 MAX4772
상세설명  200mA/500mA Selectable Current-Limit Switches
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4772 데이터시트(HTML) 5 Page - Maxim Integrated Products

  MAX4772 Datasheet HTML 1Page - Maxim Integrated Products MAX4772 Datasheet HTML 2Page - Maxim Integrated Products MAX4772 Datasheet HTML 3Page - Maxim Integrated Products MAX4772 Datasheet HTML 4Page - Maxim Integrated Products MAX4772 Datasheet HTML 5Page - Maxim Integrated Products MAX4772 Datasheet HTML 6Page - Maxim Integrated Products MAX4772 Datasheet HTML 7Page - Maxim Integrated Products MAX4772 Datasheet HTML 8Page - Maxim Integrated Products MAX4772 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
200mA/500mA Selectable
Current-Limit Switches
_______________________________________________________________________________________
5
Pin Description
Typical Operating Characteristics (continued)
(VIN = 3.3V, TA = +25°C, unless otherwise noted.)
PIN
SOT23
TDFN
NAME
FUNCTION
1
1
IN
Input. Bypass with a 0.1µF ceramic capacitor to ground.
2
5
GND
Ground
3
6
ON
Active-High Switch-On Input. A logic high turns the switch on.
44
FLAG
Fault Output. This open-drain output goes low when the device stays in forward or reverse current limit
for more than the blanking time period.
FLAG is high impedance when a fault is not present or when
ON is low.
5
3
SEL
Current-Limit Threshold Selection. Connect to logic-low level or leave floating to select 200mA current-
limit threshold. Connect to logic-high level to select 500mA current-limit threshold.
6
2
OUT
Switch Output. Bypass with a 0.1µF ceramic capacitor to ground.
0V
0V
3V
3V
0V
200
µs/div
VIN
2V/div
VOUT
2V/div
IOUT
1A/div
REVERSE CURRENT LIMIT
MAX4772/3 toc16
CIN = 1
µF
COUT = 1
µF
VSEL = 3.3V
0V
0V
3.3V
20
µs/div
VON
1V/div
IOUT
10mA/div
SWITCH TURN-ON TIME RESPONSE
MAX4772/3 toc17
0V
0V
3.3V
40ns/div
VON
1V/div
IOUT
10mA/div
SWITCH TURN-OFF TIME RESPONSE
MAX4772/3 toc18
0V
0V
0V
0V
3.3V
3.3V
3.3V
10ms/div
VIN
2V/div
VOUT
2V/div
VFLAG
2V/div
IOUT
500mA/div
FLAG-BLANKING RESPONSE
(OVERLOAD CONDITION)
MAX4772/3 toc19
VSEL = VIN = 3.3V
CIN = 1
µF
COUT = 1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com