전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9954XPTR 데이터시트(PDF) 13 Page - STMicroelectronics

부품명 L9954XPTR
상세설명  Door actuator driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9954XPTR 데이터시트(HTML) 13 Page - STMicroelectronics

Back Button L9954XPTR Datasheet HTML 9Page - STMicroelectronics L9954XPTR Datasheet HTML 10Page - STMicroelectronics L9954XPTR Datasheet HTML 11Page - STMicroelectronics L9954XPTR Datasheet HTML 12Page - STMicroelectronics L9954XPTR Datasheet HTML 13Page - STMicroelectronics L9954XPTR Datasheet HTML 14Page - STMicroelectronics L9954XPTR Datasheet HTML 15Page - STMicroelectronics L9954XPTR Datasheet HTML 16Page - STMicroelectronics L9954XPTR Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
L9954 / L9954XP
Electrical specifications
Doc ID 14279 Rev 3
13/37
2.5
SPI - electrical characteristics
(VS = 8 to 16V, VCC = 4.5 to 5.3V, Tj = - 40 to 150°C, unless otherwise specified. The
voltages are referred to GND and currents are assumed positive, when the current flows into
the pin).
IQLL
Switched-off output
current lowside drivers of
OUT1-3
VOUT1-3= VS, standby
mode
0
80
120
µA
VOUT1-3= VS, active mode
-40
-15
0
µA
IOLD123
Open load detection
current of OUT1, OUT2
and OUT3
Source and sink
15
40
60
mA
IOLD45
Open load detection
current of OUT4 and
OUT5
Source and sink
15
40
60
mA
IOLD6
Open load detection
current of OUT6
Source
30
150
300
mA
td OL
Minimum duration of
open load condition to set
the status bit
500
3000
µs
tISC
Minimum duration of
over-current condition to
switch off the driver
10
100
µs
frec0
Recovery frequency for
OC recovery duty cycle
bit=0
14
kHz
frec1
Recovery frequency for
OC recovery duty cycle
bit=1
26
kHz
dVOUT123/dt
dVOUT45/dt
Slew rate of OUT123 and
OUT 45
VS =13.5 V
Rload = 16.8 Ω
0.08
0.2
0.4
V/µs
dVOUT6/dt Slew rate of OUT6
VS =13.5 V
Rload = 4.5 Ω
0.08
0.2
0.4
V/µs
1.
tCC ON is the switch on delay time td ON if complement in half bridge has to switch Off.
Table 11.
OUT1 - OUT6 (continued)
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
Table 12.
Delay time from standby to active mode
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
tset
Delay time
Switching from standby to active mode.
Time until output drivers are enabled
after CSN going to high.
160
300
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37