전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L9954XPTR 데이터시트(PDF) 21 Page - STMicroelectronics

부품명 L9954XPTR
상세설명  Door actuator driver
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9954XPTR 데이터시트(HTML) 21 Page - STMicroelectronics

Back Button L9954XPTR Datasheet HTML 17Page - STMicroelectronics L9954XPTR Datasheet HTML 18Page - STMicroelectronics L9954XPTR Datasheet HTML 19Page - STMicroelectronics L9954XPTR Datasheet HTML 20Page - STMicroelectronics L9954XPTR Datasheet HTML 21Page - STMicroelectronics L9954XPTR Datasheet HTML 22Page - STMicroelectronics L9954XPTR Datasheet HTML 23Page - STMicroelectronics L9954XPTR Datasheet HTML 24Page - STMicroelectronics L9954XPTR Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
L9954 / L9954XP
Application information
Doc ID 14279 Rev 3
21/37
3.10
Current monitor
The current monitor output sources a current image at the current monitor output which has
a fixed ratio (1/10000) of the instantaneous current of the selected highside driver. Signal at
output CM is blanked after switching on of driver until correct settlement of circuitry (at least
for 32 µs).
The bits 18 and 19 of the Input Data Register 0 control which of the outputs OUT1, OUT4,
OUT5 and OUT6 will be multiplexed to the current monitor output. The current monitor
output allows a more precise analysis of the actual state of the load rather than the detection
of an open- or overload condition. For example this can be used to detect the motor state
(starting, free-running, stalled). Moreover, it is possible to regulate the power of the defroster
more precise by measuring the load current. The current monitor output is bidirectional (c.f.
PWM inputs).
3.11
PWM inputs
Each driver has a corresponding PWM enable bit which can be programmed by the SPI
interface. If the PWM enable bit in Input Data Register 1 is set , the output is controlled by
the logically AND-combination of the PWM signal and the output control bit in Input Data
Register 0. The outputs OUT1-OUT4 and OUT6 are controlled by the PWM1 input and the
output OUT5 is controlled by the bidirectional input CM/PMW2. For example, the two PWM
inputs can be used to dim two lamps independently by external PWM signals.
3.12
Cross-current protection
The three half-bridges of the device are cross-current protected by an internal delay time. If
one driver (LS or HS) is turned-off the activation of the other driver of the same half bridge
will be automatically delayed by the cross-current protection time. After the cross-current
protection time is expired the slew-rate limited switch-off phase of the driver will be changed
to a fast turn-off phase and the opposite driver is turned-on with slew-rate limitation. Due to
this behavior it is always guaranteed that the previously activated driver is totally turned-off
before the opposite driver will start to conduct.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37