| 전자부품 데이터시트 검색엔진 |
|
PCA9620 데이터시트(PDF) 41 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCA9620 데이터시트(HTML) 41 Page - NXP Semiconductors |
|
41 / 71 page ![]() PCA9620 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2010. All rights reserved. Product data sheet Rev. 1 — 9 December 2010 41 of 71 NXP Semiconductors PCA9620 Universal LCD driver for low multiplex rates 7.9.1 Data pointer The addressing mechanism for the display RAM is realized using the data pointer. This allows the loading of an individual display data byte, or a series of display data bytes into any location of the display RAM. The sequence commences with the initialization of the data pointer by the load-data-pointer command. Following this command, an arriving data byte is stored starting at the display RAM address indicated by the data pointer. The display RAM bitmap shows the direct relationship between the display RAM column and the segment outputs, between the bits in a RAM row and the backplane outputs, and between the RAM rows and banks. Fig 30. Display RAM bitmap display RAM columns/segment outputs (S) display RAM rows/ backplane outputs (BP) 013aaa262 columns rows 0 1 2 3 4 5 6 7 01 2 3 4 55 56 57 58 59 0 1 2 3 4 5 6 7 01 2 3 4 55 56 57 58 59 0 1 2 3 4 5 6 7 01 2 3 4 55 56 57 58 59 bank 0 bank 1 bank 2 bank 3 bank 4 bank 5 bank 6 bank 7 bank 0 bank 2 bank 4 bank 6 bank 0 bank 4 static drive mode multiplex 1:2 drive mode multiplex 1:4 drive mode |