전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8315E 데이터시트(PDF) 40 Page - Freescale Semiconductor, Inc

부품명 MPC8315E
상세설명  PowerQUICC??II Pro Processor Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315E 데이터시트(HTML) 40 Page - Freescale Semiconductor, Inc

Back Button MPC8315E Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 44Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 112 page
background image
MPC8315E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
40
Freescale Semiconductor
USB
10.1.1
USB DC Electrical Characteristics
Table 39 lists the DC electrical characteristics for the USB interface.
10.1.2
USB AC Electrical Specifications
Table 40 lists the general timing parameters of the USB-ULPI interface.
Figure 22 and Figure 23 provide the AC test load and signals for the USB, respectively.
Figure 22. USB AC Test Load
Table 39. USB DC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
High-level input voltage
VIH
2
LVDD + 0.3
V
Low-level input voltage
VIL
–0.3
0.8
V
Input current
IIN
—±5
μA
High-level output voltage, IOH = –100 μAVOH
LVDD – 0.2
—
V
Low-level output voltage, IOL = 100 μAVOL
—0.2
V
Note:
1. The symbol VIN, in this case, represents the NVIN symbol referenced in Table 1 and Table 2.
Table 40. USB General Timing Parameters
Parameter
Symbol 1
Min
Max
Unit
Notes
USB clock cycle time
tUSCK
15
—
ns
1, 2
Input setup to USB clock—all inputs
tUSIVKH
4—
ns
1, 4
Input hold to USB clock—all inputs
tUSIXKH
1—
ns
1, 4
USB clock to output valid—all outputs
tUSKHOV
—9
ns
1
Output hold from USB clock—all outputs
tUSKHOX
1—
ns
1
Notes:
1. The symbols used for timing specifications follow the pattern of t(First two letters of functional block)(signal)(state)(reference)(state) for
inputs and t(First two letters of functional block)(reference)(state)(signal)(state) for outputs. For example, tUSIXKH symbolizes USB timing
(US) for the input (I) to go invalid (X) with respect to the time the USB clock reference (K) goes high (H). Also, tUSKHOX
symbolizes USB timing (US) for the us clock reference (K) to go high (H), with respect to the output (O) going invalid (X) or
output hold time.
2. All timings are in reference to USB clock.
3. All signals are measured from NVDD/2 of the rising edge of USB clock to 0.4
× NVDD of the signal in question for 3.3-V
signaling levels.
4. Input timings are measured at the pin.
5. For purposes of active/float timing measurements, the Hi-Z or off-state is defined to be when the total current delivered
through the component pin is less than or equal to the leakage current specification.
Output
Z0 = 50 Ω
NVDD/2
RL = 50 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com