전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MPC8315E 데이터시트(PDF) 42 Page - Freescale Semiconductor, Inc

부품명 MPC8315E
상세설명  PowerQUICC??II Pro Processor Hardware Specifications
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8315E 데이터시트(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button MPC8315E Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 40Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 41Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 42Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 43Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 44Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 45Page - Freescale Semiconductor, Inc MPC8315E Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 112 page
background image
MPC8315E PowerQUICC™ II Pro Processor Hardware Specifications, Rev. 0
42
Freescale Semiconductor
Local Bus
11 Local Bus
This section describes the DC and AC electrical specifications for the local bus interface of the
MPC8315E.
11.1 Local Bus DC Electrical Characteristics
Table 43 provides the DC electrical characteristics for the local bus interface.
11.2 Local Bus AC Electrical Specifications
Table 44 describes the general timing parameters of the local bus interface of the MPC8315E.
Table 43. DC Electrical Characteristics (when Operating at 3.3 V)
Parameter
Symbol
Min
Max
Unit
Output high voltage (NVDD = min, IOH = –2 mA)
VOH
NVDD – 0.2
—
V
Output low voltage (NVDD = min, IOL = 2 mA)
VOL
—0.2
V
Input high voltage
VIH
2NVDD + 0.3
V
Input low voltage
VIL
–0.3
0.8
V
Input high current (VIN = 0 V or VIN = NVDD)
IIN
—±5
μA
Table 44. Local Bus General Timing Parameters
Parameter
Symbol 1
Min
Max
Unit
Notes
Local bus cycle time
tLBK
15
—
ns
2
Input setup to local bus clock
tLBIVKH
7—
ns
3, 4
Input hold from local bus clock
tLBIXKH
1.0
—
ns
3, 4
LALE output fall to LAD output transition (LATCH hold time)
tLBOTOT1
1.5
—
ns
5
LALE output fall to LAD output transition (LATCH hold time)
tLBOTOT2
3—
ns
6
LALE output fall to LAD output transition (LATCH hold time)
tLBOTOT3
2.5
—
ns
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com