| 전자부품 데이터시트 검색엔진 |
|
TLE6232GP 데이터시트(PDF) 10 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE6232GP 데이터시트(HTML) 10 Page - Infineon Technologies AG |
|
10 / 20 page ![]() Data Sheet TLE 6232 GP V2.3 Page 2009-11-18 10 SPI Interface SPI Communication A SPI communication starts with a SPI instruction (SI control word) sent from the controller to TLE 6232 GP. Simultaneously the device sends the first SO byte back to the µC. During a writing cycle the controller sends the data after the SPI instruction, beginning with the MSB. During a reading cycle, after having received the SPI instruction, TLE 6232 GP sends the corresponding data to the controller, also starting with the MSB. The SPI Interface consists of three register: - MUX_REG: 8-bit (1 byte) length for parallel operation mode (IN1 ... IN6 enabled or not) CS SCLK SPI Control: SO SCK SI CS Power Stages 1...6 State Machine Shift Register Power Stages 1...6 MUX_REG SCON_REG Clock Counter Control Bits Parity Generator Power Stages 1...6 DIA_REG |