전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA40 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 BTA40
상세설명  40 A standard TRIACs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA40 데이터시트(HTML) 2 Page - STMicroelectronics

  BTA40_09 Datasheet HTML 1Page - STMicroelectronics BTA40_09 Datasheet HTML 2Page - STMicroelectronics BTA40_09 Datasheet HTML 3Page - STMicroelectronics BTA40_09 Datasheet HTML 4Page - STMicroelectronics BTA40_09 Datasheet HTML 5Page - STMicroelectronics BTA40_09 Datasheet HTML 6Page - STMicroelectronics BTA40_09 Datasheet HTML 7Page - STMicroelectronics BTA40_09 Datasheet HTML 8Page - STMicroelectronics BTA40_09 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
BTA40, BTA41, BTB41
2/9
Doc ID 7469 Rev 8
1
Characteristics
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IT(RMS)
On-state rms current
(full sine wave)
TOP3
Tc = 95 °C
40
A
RD91 / TOP ins.
Tc = 80 °C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25 °C)
F = 50 Hz
t = 20 ms
400
A
F = 60 Hz
t = 16.7 ms
420
I²tI²t Value for fusing
tp = 10 ms
1000
A²s
dI/dt
Critical rate of rise of on-state current
IG = 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 125 °C
50
A/µs
VDSM/VRSM
Non repetitive surge peak off-state
voltage
tp = 10 ms
Tj = 25 °C
VDSM/VRSM +
100
V
IGM
Peak gate current
tp = 20 µs
Tj = 125 °C
8
A
PG(AV)
Average gate power dissipation
Tj = 125 °C
1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 125
°C
Table 3.
Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Parameter
Value
Unit
IGT
(1)
VD = 12 V
RL = 33 Ω
I - II - III
IV
MAX.
50
100
mA
VGT
ALL
MAX.
1.3
V
VGD
VD = VDRM RL = 3.3 kΩ Tj = 125 °C
ALL
MIN.
0.2
V
IH (2)
IT = 500 mA
MAX.
80
mA
IL
IG = 1.2 IGT
I - III - IV
MAX.
70
mA
II
160
dV/dt(2)
VD = 67% VDRM gate open
Tj = 125 °C
MIN.
500
V/µs
(dV/dt)c(2)
(dI/dt)c = 20 A/ms
Tj = 125 °C
MIN.
10
V/µs
1.
Minimum IGT is guaranted at 5% of IGT max.
2.
for both polarities of A2 referenced to A1



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com