전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BTA40 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 BTA40
상세설명  40 A standard TRIACs
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BTA40 데이터시트(HTML) 4 Page - STMicroelectronics

  BTA40_09 Datasheet HTML 1Page - STMicroelectronics BTA40_09 Datasheet HTML 2Page - STMicroelectronics BTA40_09 Datasheet HTML 3Page - STMicroelectronics BTA40_09 Datasheet HTML 4Page - STMicroelectronics BTA40_09 Datasheet HTML 5Page - STMicroelectronics BTA40_09 Datasheet HTML 6Page - STMicroelectronics BTA40_09 Datasheet HTML 7Page - STMicroelectronics BTA40_09 Datasheet HTML 8Page - STMicroelectronics BTA40_09 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Characteristics
BTA40, BTA41, BTB41
4/9
Doc ID 7469 Rev 8
Figure 9.
Relative variation of critical rate of decrease of main current versus (dV/dt)c
Figure 5.
Surge peak on-state current versus
number of cycles
Figure 6.
Non-repetitive surge peak on-state
current for a sinusoidal pulse and
corresponding value of I2t
1
10
100
1000
0
50
100
150
200
250
300
350
400
450
I
(A)
TSM
Number of cycles
t=20ms
One cycle
Non repetitive
T initial=25°C
j
Repetitive
T =70°C
C
0.01
0.10
1.00
10.00
100
1000
10000
I
(A), I t (A s)
TSM
22
t (ms)
p
T initial=25 °C
Pulse width tp < 10 ms
j
ITSM
dI/dt limitation:
50A/µs
I t
2
Figure 7.
Relative variation of gate trigger,
holding and latching current versus
junction temperature
Figure 8.
Relative variation of critical rate of
decrease of main current versus
(dV/dt)c (typical values)
-40
-20
0
20
40
60
80
100
120
140
0.0
0.5
1.0
1.5
2.0
2.5
T (°C)
j
I,I ,I [T ] /
GT H L
j
I
,I ,I [T =25°C]
GT H L
j
IGT
IH & IL
Typical values
0.1
1.0
10.0
100.0
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
(dV/dt)c (V/µs)
(dI/dt)c [(dV/dt)c] / specified (dI/dt)c
0
25
50
75
100
125
0
1
2
3
4
5
6
(dI/dt)c [T ] /
pecified]
j
(dI/dt)c [T s
j
T (°C)
j



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com