전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M48T128Y 데이터시트(PDF) 17 Page - STMicroelectronics

부품명 M48T128Y
상세설명  5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER® SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T128Y 데이터시트(HTML) 17 Page - STMicroelectronics

Back Button M48T128Y Datasheet HTML 13Page - STMicroelectronics M48T128Y Datasheet HTML 14Page - STMicroelectronics M48T128Y Datasheet HTML 15Page - STMicroelectronics M48T128Y Datasheet HTML 16Page - STMicroelectronics M48T128Y Datasheet HTML 17Page - STMicroelectronics M48T128Y Datasheet HTML 18Page - STMicroelectronics M48T128Y Datasheet HTML 19Page - STMicroelectronics M48T128Y Datasheet HTML 20Page - STMicroelectronics M48T128Y Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
M48T128Y, M48T128V
DC and AC parameters
Doc ID 5746 Rev 6
17/23
Table 9.
DC characteristics
Symbol
Parameter
Test condition(1)
1.
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 4.5 to 5.5 V or 3.0 to 3.6 V (except where noted).
M48T128Y
M48T128V
Unit
–70
–85
Min
Max
Min
Max
ILI
Input leakage current
0 V
≤ VIN ≤ VCC
±2
±2
µA
ILO
(2)
2.
Outputs deselected.
Output leakage current
0 V
≤ VOUT ≤ VCC
±2
±2
µA
ICC
Supply current
Outputs open
95
50
mA
ICC1
Supply current (standby) TTL
E = VIH
84
mA
ICC2
Supply current (standby) CMOS
E = VCC – 0.2 V
4
3
mA
VIL
Input low voltage
–0.3
0.8
–0.3
0.4
V
VIH
Input high voltage
2.2
VCC + 0.3
2.2
VCC + 0.3
V
VOL
Output low voltage
IOL = 2.1 mA
0.4
0.4
V
VOH
Output high voltage
IOH = –1 mA
2.4
2.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com