전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

M48T128Y 데이터시트(PDF) 18 Page - STMicroelectronics

부품명 M48T128Y
상세설명  5.0 or 3.3 V, 1 Mbit (128 Kb x 8) TIMEKEEPER® SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T128Y 데이터시트(HTML) 18 Page - STMicroelectronics

Back Button M48T128Y Datasheet HTML 14Page - STMicroelectronics M48T128Y Datasheet HTML 15Page - STMicroelectronics M48T128Y Datasheet HTML 16Page - STMicroelectronics M48T128Y Datasheet HTML 17Page - STMicroelectronics M48T128Y Datasheet HTML 18Page - STMicroelectronics M48T128Y Datasheet HTML 19Page - STMicroelectronics M48T128Y Datasheet HTML 20Page - STMicroelectronics M48T128Y Datasheet HTML 21Page - STMicroelectronics M48T128Y Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
DC and AC parameters
M48T128Y, M48T128V
18/23
Doc ID 5746 Rev 6
Figure 11.
Power down/up mode AC waveforms
Table 10.
Power down/up AC characteristics
Table 11.
Power down/up trip points DC characteristics
Symbol
Parameter(1)
1.
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 4.5 to 5.5 V or 3.0 to 3.6 V (except where noted).
Min
Max
Unit
tF
(2)
2.
VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring until 200 µs after
VCC passes VPFD (min).
VPFD (max) to VPFD (min) VCC fall time
300
µs
tFB
(3)
3.
VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data.
VPFD (min) to VSS VCC fall time
10
µs
tR
VPFD (min) to VPFD (max) VCC rise time
0
µs
tRB
VSS to VPFD (min) VCC rise time
1
µs
tREC
VPFD (max) to inputs recognized
40
200
ms
Symbol
Parameter(1)(2)
1.
All voltages referenced to VSS.
2.
Valid for ambient operating temperature: TA = 0 to 70 °C; VCC = 4.5 to 5.5 V or 3.0 to 3.6 V (except where noted).
Min
Typ
Max
Unit
VPFD
Power-fail deselect voltage
M48T128Y
4.1
4.35
4.5
V
M48T128V
2.7
2.9
3.0
V
VSO
Battery backup switchover voltage
M48T128Y
3.0
V
M48T128V
VPFD – 100 mV
V
tDR
(3)
3.
At 25 °C; VCC = 0 V.
Expected data retention time
10
YEARS
AI03612
VCC
INPUTS
OUTPUTS
DON'T CARE
HIGH-Z
tF
tFB
tDR
tREC
tRB
VALID
VALID
RECOGNIZED
RECOGNIZED
VPFD (max)
VPFD (min)
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com