전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS30170CG 데이터시트(PDF) 2 Page - STMicroelectronics

부품명 STPS30170CG
상세설명  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30170CG 데이터시트(HTML) 2 Page - STMicroelectronics

  STPS30170CG Datasheet HTML 1Page - STMicroelectronics STPS30170CG Datasheet HTML 2Page - STMicroelectronics STPS30170CG Datasheet HTML 3Page - STMicroelectronics STPS30170CG Datasheet HTML 4Page - STMicroelectronics STPS30170CG Datasheet HTML 5Page - STMicroelectronics STPS30170CG Datasheet HTML 6Page - STMicroelectronics STPS30170CG Datasheet HTML 7Page - STMicroelectronics STPS30170CG Datasheet HTML 8Page - STMicroelectronics STPS30170CG Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STPS30170C
2/9
Table 3: Absolute Ratings (limiting values, per diode)
Table 4: Thermal Parameters
Table 5: Static Electrical Characteristics (per diode)
Pulse test:
* tp = 5 ms,
δ < 2%
** tp = 380 µs,
δ < 2%
To evaluate the conduction losses use the following equation: P = 0.64 x IF(AV) + 0.0073 IF
2
(RMS)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
170
V
IF(RMS) RMS forward current
30
A
IF(AV)
Average forward current
δ = 0.5
TO-220FPAB
Tc = 120 °C
Per diode
Per device
15
A
TO-220AB /
D2PAK
Tc = 155 °C
TO-247
30
IFSM
Surge non repetitive forward current
tp = 10ms sinusoidal
220
A
PARM
Repetitive peak avalanche power
tp = 1µs Tj = 25 °C
10500
W
Tstg
Storage temperature range
-65 to + 175
°C
Tj
Maximum operating junction temperature *
175
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
* :
thermal runaway condition for a diode on its own heatsink
Symbol
Parameter
Value
Unit
Rth(j-c)
Junction to case
TO-220FPAB
Per diode
Total
4
3.3
°C/W
TO-220AB / D2PAK
Per diode
Total
1.6
0.85
TO-247
Per diode
Total
1.5
0.8
Rth(c)
TO-220FPAB
Coupling
2.6
°C/W
TO-220AB / D2PAK
Coupling
0.3
TO-247
Coupling
0.3
When the diodes 1 and 2 are used simultaneously:
∆ Tj(diode 1) = P(diode 1) x Rth(j-c)(Per diode) + P(diode 2) x Rth(c)
Symbol
Parameter
Tests conditions
Min.
Typ
Max.
Unit
IR *
Reverse leakage current
Tj = 25 °C
VR = VRRM
20
µA
Tj = 125 °C
520
mA
VF **
Forward voltage drop
Tj = 25 °C
IF = 15 A
0.92
V
Tj = 125 °C
0.69
0.75
Tj = 25 °C
IF = 30 A
1
Tj = 125 °C
0.80
0.86
dPtot
dTj
---------------
1
Rth j
a
–
()
--------------------------
>



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com