전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STPS30170CG 데이터시트(PDF) 4 Page - STMicroelectronics

부품명 STPS30170CG
상세설명  HIGH VOLTAGE POWER SCHOTTKY RECTIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS30170CG 데이터시트(HTML) 4 Page - STMicroelectronics

  STPS30170CG Datasheet HTML 1Page - STMicroelectronics STPS30170CG Datasheet HTML 2Page - STMicroelectronics STPS30170CG Datasheet HTML 3Page - STMicroelectronics STPS30170CG Datasheet HTML 4Page - STMicroelectronics STPS30170CG Datasheet HTML 5Page - STMicroelectronics STPS30170CG Datasheet HTML 6Page - STMicroelectronics STPS30170CG Datasheet HTML 7Page - STMicroelectronics STPS30170CG Datasheet HTML 8Page - STMicroelectronics STPS30170CG Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
STPS30170C
4/9
Figure
7:
Relative
variation
of
thermal
impedance junction to case versus pulse
duration
(per
diode)
(TO-220AB,
TO-247,
D2PAK)
Figure
8:
Relative
variation
of
thermal
impedance junction to case versus pulse
duration (per diode) (TO-220FPAB)
Figure 9: Reverse leakage current versus
reverse voltage applied (typical values, per
diode)
Figure
10:
Junction
capacitance
versus
reverse voltage applied (typical values, per
diode)
Figure 11: Forward voltage drop
versus
forward current (maximum values, per diode,
low level)
Figure
12: Forward voltage drop versus
forward current (maximum values, per diode,
high level)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
Z
th(j-c)/Rth(j-c)
d=0.1
d=0.2
d=0.5
Single pulse
T
d=t /T
p
tp
TO-220AB, TO -247 & D²PAK
tP(s)
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
Z
th(j-c)/Rth(j-c)
D=0.1
d=0.2
d=0.5
Single pulse
T
d=t /T
p
tp
TO-220FPAB
tP(s)
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
1.E+04
1.E+05
1.E+06
0
10 20 30 40 50 60 70 80 90 100 110 120 130 140 150 160 170
I
R(µA)
T
j=150°C
T
j=125°C
T
j=25°C
T
j=75°C
T
j=175°C
VR(V)
10
100
1000
1
10
100
1000
C(pF)
F=1MHz
V
OSC=30mVRMS
T
j=25°C
VR(V)
I
FM(A)
0.0
2.5
5.0
7.5
10.0
12.5
15.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
VFM(V)
I
FM(A)
1
10
100
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
Tj=25°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Maximum values)
Tj=125°C
(Typical values)
Tj=125°C
(Typical values)
VFM(V)



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com