전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FX929AD2 데이터시트(PDF) 33 Page - CML Microcircuits

부품명 FX929AD2
상세설명  4-Level FSK Modem Data Pump
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CMLMICRO [CML Microcircuits]
홈페이지  http://www.cmlmicro.com
Logo CMLMICRO - CML Microcircuits

FX929AD2 데이터시트(HTML) 33 Page - CML Microcircuits

Back Button FX929AD2 Datasheet HTML 29Page - CML Microcircuits FX929AD2 Datasheet HTML 30Page - CML Microcircuits FX929AD2 Datasheet HTML 31Page - CML Microcircuits FX929AD2 Datasheet HTML 32Page - CML Microcircuits FX929AD2 Datasheet HTML 33Page - CML Microcircuits FX929AD2 Datasheet HTML 34Page - CML Microcircuits FX929AD2 Datasheet HTML 35Page - CML Microcircuits FX929AD2 Datasheet HTML 36Page - CML Microcircuits FX929AD2 Datasheet HTML 37Page - CML Microcircuits Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
4-Level FSK Modem Data Pump
FX929A
© 1996 Consumer Microcircuits Limited
33
D/929A/4
Figures 16a and 16b illustrate the host µC routines needed to receive a single Frame consisting of Symbol and
Frame Sync patterns, a Station ID block, a Header block, any number of Intermediate blocks and one Last
block. It is assumed that the Rx Interrupt Service Routine (Figure 16b) is called whenever the FX929A's IRQN
output line goes low.
Figure 16a Receive Frame Example Flowchart, Main Program
Note that the RESET command in Figure 16a and the practice of disabling the FX929A's IRQN output when not
needed are not essential but can eliminate problems during debugging and if errors occur in operation.
Note also that the CRC bit should be set appropriately whenever a byte is written to the Command Register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44