전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7466 데이터시트(PDF) 4 Page - Analog Devices

부품명 AD7466
상세설명  1.6 V, Micropower 12-/10-/8-Bit ADCs
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7466 데이터시트(HTML) 4 Page - Analog Devices

  AD7466 Datasheet HTML 1Page - Analog Devices AD7466 Datasheet HTML 2Page - Analog Devices AD7466 Datasheet HTML 3Page - Analog Devices AD7466 Datasheet HTML 4Page - Analog Devices AD7466 Datasheet HTML 5Page - Analog Devices AD7466 Datasheet HTML 6Page - Analog Devices AD7466 Datasheet HTML 7Page - Analog Devices AD7466 Datasheet HTML 8Page - Analog Devices AD7466 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
AD7466/AD7467/AD7468
Rev. C | Page 4 of 28
Parameter
B Version
Unit
Test Conditions/Comments
LOGIC OUTPUTS
Output High Voltage, VOH
VDD − 0.2
V min
ISOURCE = 200 μA, VDD = 1.6 V to 3.6 V
Output Low Voltage, VOL
0.2
V max
ISINK = 200 μA
Floating-State Leakage Current
±1
μA max
Floating-State Output Capacitance
10
pF max
Output Coding
Straight (natural)
binary
CONVERSION RATE
Conversion Time
4.70
μs max
16 SCLK cycles with SCLK at 3.4 MHz
Throughput Rate
200
kSPS max
See the Serial Interface section
POWER REQUIREMENTS
VDD
1.6/3.6
V min/max
IDD
Digital inputs = 0 V or VDD
Normal Mode (Operational)
300
μA max
VDD = 3 V, fSAMPLE = 100 kSPS
110
μA typ
VDD = 3 V, fSAMPLE = 50 kSPS
20
μA typ
VDD = 3 V, fSAMPLE = 10 kSPS
240
μA max
VDD = 2.5 V, fSAMPLE = 100 kSPS
80
μA typ
VDD = 2.5 V, fSAMPLE = 50 kSPS
16
μA typ
VDD = 2.5 V, fSAMPLE = 10 kSPS
165
μA max
VDD = 1.8 V, fSAMPLE = 100 kSPS
50
μA typ
VDD = 1.8 V, fSAMPLE = 50 kSPS
10
μA typ
VDD = 1.8 V, fSAMPLE = 10 kSPS
Power-Down Mode
0.1
μA max
SCLK on or off, typically 8 nA
Power Dissipation
See the Power Consumption section
Normal Mode (Operational)
0.9
mW max
VDD = 3 V, fSAMPLE = 100 kSPS
0.6
mW max
VDD = 2.5 V, fSAMPLE = 100 kSPS
0.3
mW max
VDD = 1.8 V, fSAMPLE = 100 kSPS
Power-Down Mode
0.3
μW max
VDD = 3 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com