전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6460 데이터시트(PDF) 10 Page - STMicroelectronics

부품명 L6460
상세설명  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460 데이터시트(HTML) 10 Page - STMicroelectronics

Back Button L6460 Datasheet HTML 6Page - STMicroelectronics L6460 Datasheet HTML 7Page - STMicroelectronics L6460 Datasheet HTML 8Page - STMicroelectronics L6460 Datasheet HTML 9Page - STMicroelectronics L6460 Datasheet HTML 10Page - STMicroelectronics L6460 Datasheet HTML 11Page - STMicroelectronics L6460 Datasheet HTML 12Page - STMicroelectronics L6460 Datasheet HTML 13Page - STMicroelectronics L6460 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 139 page
background image
General description
L6460
10/139
Doc ID 17713 Rev 1
1
General description
1.1
Overview
L6460 offers the possibility to control and power multi motor systems, through the
management of simultaneous driving of stepper and DC motor. A number of features can be
configured through the digital interface (SPI), including 3 voltage regulators, 1 high precision
A/D converter, 2 operational amplifiers and 14 configurable GPIOs.
The high flexibility allows the possibility to configure two, one full or half bridge to work as
power stage featuring additional voltage buck regulators.
Figure 1.
Block diagram
Note:
See following Chapter 2 for a detailed description of possible configurations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More