전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6460TR 데이터시트(PDF) 96 Page - STMicroelectronics

부품명 L6460TR
상세설명  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR 데이터시트(HTML) 96 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 92Page - STMicroelectronics L6460TR Datasheet HTML 93Page - STMicroelectronics L6460TR Datasheet HTML 94Page - STMicroelectronics L6460TR Datasheet HTML 95Page - STMicroelectronics L6460TR Datasheet HTML 96Page - STMicroelectronics L6460TR Datasheet HTML 97Page - STMicroelectronics L6460TR Datasheet HTML 98Page - STMicroelectronics L6460TR Datasheet HTML 99Page - STMicroelectronics L6460TR Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 139 page
background image
GPIO pins
L6460
96/139
Doc ID 17713 Rev 1
GPIO[6]
- ADC input
- SPI IN
- Low Pow Sw 1
- SPI OUT
- A2DGpo
- AuxPwm2
- Comp2 out
Full driver
connected to
VGPIO_SPI
GPIO[7]
- ADC input
- SPI IN
- Low Pow Sw 2
- SPI OUT
- AuxPwm1
- AuxPwm3
- Comp1 out
Full driver
connected to
VGPIO_SPI
GPIO[8]
- ADC input
- SPI IN(2)
- CurrDAC
- SPI OUT
- AuxPwm1
- AuxPwm3
- Comp2 out
5 volt input
tolerant
Open drain
output
GPIO[9]
- ADC input
- OpAmp1 in+
- SPI IN
- ID 1
- IN PWM
- SPI OUT
- Interrupt contr.
- AuxPwm1
- Reg. loop 3
Full driver
connected to
VGPIO_SPI
GPIO[10]
- ADC input
- OpAmp1 in-
- SPI IN
- ID 2
- IN PWM
- SPI OUT
- Interrupt ctrl.
- AuxPwm2
- AuxPwm3
Full driver
connected to
VGPIO_SPI
GPIO[11] - ADC input
- SPI IN
- IN PWM
- OpAmp1 Out
- SPI OUT
- A2DGpo
- AuxPwm1
- AuxPwm2
Full driver
connected to
VGPIO_SPI
GPIO[12]
- ADC input
- OpAmp2 in+
- SPI IN
- STEP_REQ
- SPI OUT
- Interrupt ctrl
- Comp2 out
- Reg. loop 2
Full driver BB
(can be
powered by
V3v3 with a
metal change)
GPIO[13]
- ADC input
- OpAmp2 in-
- SPI IN
- SPI OUT
- AuxPwm1
- Reg. loop 3
- AuxPwm3
Full driver
connected to
VGPIO_SPI
GPIO[14] - ADC input
- SPI IN
- OpAmp2 Out
- SPI OUT
- Interrupt ctrl.
- AuxPwm2
- AuxPwm3
Full driver
connected to
VGPIO_SPI
1.
In this table are used the abbreviations of the following In Table 40.
2.
GPIO[8] input Schmitt trigger is disabled by default (after a reset) to be able to read the digital value from this pin it needs
to be enabled writing a logic ‘1’ in the EnGpio8DigIn in CurrDacCtrl register.
Table 39.
GPIO functions description (continued)
Pin
Name
Function(1)
Notes
Input
Output
Special
Analog
Digital
Analog
Digital



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More