전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

L6460TR 데이터시트(PDF) 38 Page - STMicroelectronics

부품명 L6460TR
상세설명  SPI configurable stepper and DC multi motor driver
PDF  139 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6460TR 데이터시트(HTML) 38 Page - STMicroelectronics

Back Button L6460TR Datasheet HTML 34Page - STMicroelectronics L6460TR Datasheet HTML 35Page - STMicroelectronics L6460TR Datasheet HTML 36Page - STMicroelectronics L6460TR Datasheet HTML 37Page - STMicroelectronics L6460TR Datasheet HTML 38Page - STMicroelectronics L6460TR Datasheet HTML 39Page - STMicroelectronics L6460TR Datasheet HTML 40Page - STMicroelectronics L6460TR Datasheet HTML 41Page - STMicroelectronics L6460TR Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 139 page
background image
Internal clock oscillator
L6460
38/139
Doc ID 17713 Rev 1
7
Internal clock oscillator
L6460 includes a free running oscillator that does not require any external components.
This circuit is used to generate the time base needed to generate the internal timings; the
typical frequency is 16 MHz.
The oscillator circuit starts as soon as the IC exits from the power on reset condition and it is
stopped only when in “low power mode”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More