전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZR431L 데이터시트(PDF) 5 Page - Diodes Incorporated

부품명 ZR431L
상세설명  Adjustable precision shunt regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZR431L 데이터시트(HTML) 5 Page - Diodes Incorporated

  ZR431L Datasheet HTML 1Page - Diodes Incorporated ZR431L Datasheet HTML 2Page - Diodes Incorporated ZR431L Datasheet HTML 3Page - Diodes Incorporated ZR431L Datasheet HTML 4Page - Diodes Incorporated ZR431L Datasheet HTML 5Page - Diodes Incorporated ZR431L Datasheet HTML 6Page - Diodes Incorporated ZR431L Datasheet HTML 7Page - Diodes Incorporated ZR431L Datasheet HTML 8Page - Diodes Incorporated ZR431L Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
ZR431L
Issue 3 - April 2008
5
www.zetex.com
© Zetex Semiconductors plc 2008
Typical characteristics
Ambient temperature (°C)
Power dissipation derating
350
300
250
200
150
100
50
-40
-25
-10
-5
20
35
50
65
80
95
110
125
Reference Current v Temperature
80
-40
-25
-10
5
20
35
50
65
80
95
110
125
90
100
110
120
130
140
Temperature (°C)
Minimum cathode current vs temperature
16
-40
-25
-10
5
20
35
50
65
80
95
110
125
18
20
22
24
26
Temperature (°C)
Dynamic impedance vs frequency
0.1
0.1
1
10
100
1
10
100
Frequency (kHz)
V
REF = VKA
I
K = 1mA
I
K = 10mA
Change in reference voltage vs Cathode voltage
-9
-8
-7
-6
-5
-4
-3
-2
-1
0
0
1
8
6
4
2
0
Cathode voltage (V)
Reference voltage vs Temperature
1.232
-42
-25
-10
5
20
35
50
65
80
95
110
125
1.234
1.236
1.238
1.24
1.242
1.244
Temperature (°C)



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com