전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZR431L 데이터시트(PDF) 1 Page - Diodes Incorporated

부품명 ZR431L
상세설명  Adjustable precision shunt regulator
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZR431L 데이터시트(HTML) 1 Page - Diodes Incorporated

  ZR431L Datasheet HTML 1Page - Diodes Incorporated ZR431L Datasheet HTML 2Page - Diodes Incorporated ZR431L Datasheet HTML 3Page - Diodes Incorporated ZR431L Datasheet HTML 4Page - Diodes Incorporated ZR431L Datasheet HTML 5Page - Diodes Incorporated ZR431L Datasheet HTML 6Page - Diodes Incorporated ZR431L Datasheet HTML 7Page - Diodes Incorporated ZR431L Datasheet HTML 8Page - Diodes Incorporated ZR431L Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Issue 3 - April 2008
1
www.zetex.com
© Zetex Semiconductors plc 2008
ZR431L
Adjustable precision shunt regulator
Summary
Description
The ZR431L is a three terminal adjustable shunt regulator offering excellent
temperature stability and output current handling capability up to 25mA.
The output voltage may be set to any chosen voltage between 1.24 and
10 volts by selection of two external divider resistors.
The devices can be used as a replacement for zener diodes in many
applications requiring an improvement in zener performance.
The ZR431L is particularly used in the feedback control loop of switch mode
power supplies. In this application the device 1.24 volt reference enables
the generation of low voltage supplies, typically 3.3 volts or 3 volts.
Features
2.5% and 1% tolerance
Max. temperature coefficient 50 ppm/°C
Temperature compensated for operation over -40 to 85°C
100mA to 25mA current sink capability
Surface mount SOT23 package
Applications
Switch mode power supplies
Shunt regulator
Series regulator
Voltage monitor
Over voltage / under voltage protection
Ordering information
Device
Pack
Part mark
Status
Quantity
per reel
Reel size
(inches)
TOL %
ZR431LF01TA
SOT23
43M
Active
3000
7
1
ZR431LF02TA
SOT23
43L
Active
3000
7
2.5
ZR431LC01STOB
TO92
ZR431L01
Obsolete
1500
1
ZR431LC02STOB
TO92
ZR431L02
Obsolete
1500
2.5
ZR431LC01L
TO92
ZR431L01
Obsolete
Loose
1
ZR431LC02L
TO92
ZR431L02
Obsolete
Loose
2.5


유사한 부품 번호 - ZR431L

제조업체부품명데이터시트상세설명
logo
Zetex Semiconductors
ZR431L ZETEX-ZR431L Datasheet
207Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431L ZETEX-ZR431L Datasheet
324Kb / 9P
ADJUSTABLE PRECISION SHUNT REGULATOR
ZR431LC01 ZETEX-ZR431LC01 Datasheet
207Kb / 7P
ADJUSTABLE PRECISION ZENER SHUNT REGULATOR
ZR431LC01L ZETEX-ZR431LC01L Datasheet
324Kb / 9P
ADJUSTABLE PRECISION SHUNT REGULATOR
ZR431LC01STOB ZETEX-ZR431LC01STOB Datasheet
324Kb / 9P
ADJUSTABLE PRECISION SHUNT REGULATOR
More results

유사한 설명 - ZR431L

제조업체부품명데이터시트상세설명
logo
New Japan Radio
NJM431 NJRC-NJM431 Datasheet
216Kb / 5P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Toshiba Semiconductor
TA76431AS TOSHIBA-TA76431AS Datasheet
242Kb / 7P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
List of Unclassifed Man...
SE431 ETC-SE431 Datasheet
215Kb / 8P
ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Anpec Electronics Corop...
APL1431 ANPEC-APL1431 Datasheet
460Kb / 12P
Adjustable Precision Shunt Regulator
logo
Ceramate Technical
CP431 CERAMATE-CP431 Datasheet
347Kb / 9P
Adjustable Precision shunt Regulator
CP432 CERAMATE-CP432 Datasheet
367Kb / 10P
Adjustable Precision Shunt Regulator
logo
Taiwan Semiconductor Co...
TS431I TSC-TS431I Datasheet
776Kb / 13P
Adjustable Precision Shunt Regulator
logo
ACE Technology Co., LTD...
ACE431S ACE-ACE431S Datasheet
303Kb / 12P
Adjustable Precision Shunt Regulator
VER 1.2
logo
Advanced Power Electron...
AP432 A-POWER-AP432 Datasheet
329Kb / 8P
Adjustable Precision Shunt Regulator
logo
Compact Technology Corp...
TL431 CTC-TL431 Datasheet
399Kb / 7P
Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com