전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZXCD1210 데이터시트(PDF) 7 Page - Diodes Incorporated

부품명 ZXCD1210
상세설명  High performance analog input Class D modulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  DIODES [Diodes Incorporated]
홈페이지  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXCD1210 데이터시트(HTML) 7 Page - Diodes Incorporated

  ZXCD1210 Datasheet HTML 1Page - Diodes Incorporated ZXCD1210 Datasheet HTML 2Page - Diodes Incorporated ZXCD1210 Datasheet HTML 3Page - Diodes Incorporated ZXCD1210 Datasheet HTML 4Page - Diodes Incorporated ZXCD1210 Datasheet HTML 5Page - Diodes Incorporated ZXCD1210 Datasheet HTML 6Page - Diodes Incorporated ZXCD1210 Datasheet HTML 7Page - Diodes Incorporated ZXCD1210 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
ZXCD1210
Issue 2 - October 2007
7
www.zetex.com
© Zetex Semiconductors plc 2007
Package outline
Note: Controlling dimensions are in millimeters. Approximate dimensions are provided in inches
Ordering information
Dim.
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.70
0.80
0.028
0.032
A1
0.00
0.05
0.00
0.002
A3
0.178
0.228
0.007
0.009
b
0.25
0.35
0.010
0.014
D
3.95
4.05
0.156
0.159
D2
2.05
2.15
0.081
0.085
E
3.95
4.05
0.156
0.159
E2
2.05
2.15
0.081
0.085
e
0.65 BSC
0.026 BSC
L
0.35
0.45
0.014
0.018
Device
Description
Package
Tape and reel suffix
ZXCD1210JB16
Class D modulator
QFN16 4x4
TA (1,000 per reel)
TC (3,000 per reel)
A1
A
D
Pin # 1
e
b
D2
D2
2



Html Pages

1 2 3 4 5 6 7 8