전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APTH003A0X 데이터시트(PDF) 6 Page - Lineage Power Corporation

부품명 APTH003A0X
상세설명  Pico TLynxTM 3A: Non-Isolated DC-DC Power Modules
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTH003A0X 데이터시트(HTML) 6 Page - Lineage Power Corporation

Back Button APTH003A0X_10 Datasheet HTML 2Page - Lineage Power Corporation APTH003A0X_10 Datasheet HTML 3Page - Lineage Power Corporation APTH003A0X_10 Datasheet HTML 4Page - Lineage Power Corporation APTH003A0X_10 Datasheet HTML 5Page - Lineage Power Corporation APTH003A0X_10 Datasheet HTML 6Page - Lineage Power Corporation APTH003A0X_10 Datasheet HTML 7Page - Lineage Power Corporation APTH003A0X_10 Datasheet HTML 8Page - Lineage Power Corporation APTH003A0X_10 Datasheet HTML 9Page - Lineage Power Corporation APTH003A0X_10 Datasheet HTML 10Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Data Sheet
December 10, 2010
Pico TLynxTM 3A: Non-isolated DC-DC Power Modules
2.4 – 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 3A output current
LINEAGE POWER
6
Characteristic Curves
The following figures provide typical characteristics for the Pico TLynx
TM 3A modules at 0.6Vo and at 25oC.
70
72
74
76
78
80
82
84
86
00.5
11.522.5
3
Vin=5.5V
Vin=2.4V
Vin=3.3V
0
0.5
1
1.5
2
2.5
3
3.5
20
30
40
50
60
70
80
90
0 LFM
OUTPUT CURRENT, IO (A)
AMBIENT TEMPERATURE, TA
OC
Figure 1. Converter Efficiency versus Output Current.
Figure 2. Derating Output Current versus Ambient
Temperature and Airflow.
TIME, t (1
μs/div)
TIME, t (20
μs /div)
Figure 3. Typical output ripple and noise (VIN = 5V, Io =
Io,max).
Figure 4. Transient Response to Dynamic Load
Change from 0% to 50% to 0% with VIN=5V.
TIME, t (1ms/div)
TIME, t (1ms/div)
Figure 5. Typical Start-up Using On/Off Voltage (Io =
Io,max).
Figure 6. Typical Start-up Using Input Voltage (VIN =
5V, Io = Io,max).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com