전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

APTH006A0X 데이터시트(PDF) 2 Page - Lineage Power Corporation

부품명 APTH006A0X
상세설명  Pico TLynxTM 6A: Non-Isolated DC-DC Power Modules
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINEAGEPOWER [Lineage Power Corporation]
홈페이지  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

APTH006A0X 데이터시트(HTML) 2 Page - Lineage Power Corporation

  APTH006A0X_11 Datasheet HTML 1Page - Lineage Power Corporation APTH006A0X_11 Datasheet HTML 2Page - Lineage Power Corporation APTH006A0X_11 Datasheet HTML 3Page - Lineage Power Corporation APTH006A0X_11 Datasheet HTML 4Page - Lineage Power Corporation APTH006A0X_11 Datasheet HTML 5Page - Lineage Power Corporation APTH006A0X_11 Datasheet HTML 6Page - Lineage Power Corporation APTH006A0X_11 Datasheet HTML 7Page - Lineage Power Corporation APTH006A0X_11 Datasheet HTML 8Page - Lineage Power Corporation APTH006A0X_11 Datasheet HTML 9Page - Lineage Power Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
Data Sheet
January 13, 2011
Pico TLynxTM 6A: Non-isolated DC-DC Power Modules
2.4 – 5.5Vdc input; 0.6Vdc to 3.63Vdc output; 6A output current
LINEAGE POWER
2
Absolute Maximum Ratings
Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. These are
absolute stress ratings only, functional operation of the device is not implied at these or any other conditions in
excess of those given in the operations sections of the data sheet. Exposure to absolute maximum ratings for
extended periods can adversely affect the device reliability.
Parameter
Device
Symbol
Min
Max
Unit
Input Voltage
All
VIN
-0.3
6
Vdc
Continuous
Sequencing Voltage
APTH
VSEQ
-0.3
ViN, Max
Vdc
Operating Ambient Temperature
All
TA
-40
85
°C
(see Thermal Considerations section)
Storage Temperature
All
Tstg
-55
125
°C
Electrical Specifications
Unless otherwise indicated, specifications apply over all operating input voltage, resistive load, and temperature
conditions.
Parameter
Device
Symbol
Min
Typ
Max
Unit
Operating Input Voltage
All
VIN
2.4
5.5
Vdc
Maximum Input Current
All
IIN,max
6.5
Adc
(VIN=2.4V to 5.5V, IO=IO, max )
Input No Load Current
VO,set = 0.6 Vdc
IIN,No load
30
mA
(VIN = 5.0Vdc, IO = 0, module enabled)
VO,set = 3.3Vdc
IIN,No load
75
mA
Input Stand-by Current
All
IIN,stand-by
2.2
mA
(VIN = 5.0Vdc, module disabled)
Inrush Transient
All
I
2t
1
A
2s
Input Reflected Ripple Current, peak-to-peak
(5Hz to 20MHz, 1μH source impedance; VIN =0 to
5.5V, IO= IOmax ; See Test Configurations)
All
25
mAp-p
Input Ripple Rejection (120Hz)
All
40
dB
CAUTION: This power module is not internally fused. An input line fuse must always be used.
This power module can be used in a wide variety of applications, ranging from simple standalone operation to an
integrated part of sophisticated power architecture. To preserve maximum flexibility, internal fusing is not included;
however, to achieve maximum safety and system protection, always use an input line fuse. The safety agencies
require a fast-acting fuse with a maximum rating of 6A (see Safety Considerations section). Based on the information
provided in this data sheet on inrush energy and maximum dc input current, the same type of fuse with a lower rating
can be used. Refer to the fuse manufacturer’s data sheet for further information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com